công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCPRO1050 bảng dữ liệu(PDF) 3 Page - Tripp Lite. All Rights Reserved

tên linh kiện BCPRO1050
Giải thích chi tiết về linh kiện  BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPRO1050 bảng dữ liệu(HTML) 3 Page - Tripp Lite. All Rights Reserved

  BCPRO1050_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LEDS ALARMS & SWITCHES
LED Indicators
5 LEDs indicate line power, battery power, battery low/replace and overload status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
510
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
AC Suppression Joule Rating
510
AC Suppression Response Time
Instantaneous
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
11.2 x 6.8 x 7
UPS Power Module Dimensions
(hwd, cm)
28.6 x 17.1 x 17.8
UPS Power Module Weight (lbs.)
29
UPS Power Module Weight (kg)
13.2
UPS Shipping Dimensions (hwd / in.)
15.2 x 10.8 x 11.5
UPS Shipping Dimensions (hwd /
cm)
38.7 x 27.3 x 29.2
Shipping Weight (lbs.)
29
Shipping Weight (kg)
13.2
UPS Housing Material
Polycarbonate
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
74.1
3 / 4


Số phần tương tự - BCPRO1050_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
More results

Mô tả tương tự - BCPRO1050_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
   BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050_15 Datasheet
492Kb / 5P
   OmniSmart 120V 1050VA 705W Line-Interactive UPS, Tower, USB port
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450_15 Datasheet
498Kb / 4P
   BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com