công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

181RKI Datasheet(PDF) 6 Page - International Rectifier

tên linh kiện 181RKI
Nội dung chi tiết  PHASE CONTROL THYRISTORS Stud Version
tải về  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
181RKI Series
23
dv/dt
Maximum critical rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
Blocking
500
V/µs
T
J
= T
J
max. linear to 80% rated V
DRM
Parameter
181RKI
Units Conditions
30
mA
T
J
= T
J
max, rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
10
T
J
= T
J
max, t
p
5ms
P
G(AV)
Maximum average gate power
2.0
T
J
= T
J
max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J
= T
J
max, t
p
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
I
GT
DC gate current required
T
J
= - 40°C
to trigger
mA
T
J
= 25°C
T
J
= 125°C
V
GT
DC gate voltage required
T
J
= - 40°C
to trigger
V
T
J
= 25°C
T
J
= 125°C
I
GD
DC gate current not to trigger
10
mA
Parameter
181RKI
Units Conditions
20
5.0
Triggering
V
GD
DC gate voltage not to trigger
0.25
V
T
J
= T
J
max.
TYP.
MAX.
130
-
65
150
35
-
2.0
-
1.2
2.5
0.9
-
Max. gate current/ voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM
anode-to-cathode applied
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
W
V
T
J
= T
J
max., t
p
5ms
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance,
junction to case
R
thCS
Max. thermal resistance,
case to heatsink
T
Mounting torque, ± 10%
31
(275)
24.5
(210)
wt
Approximate weight
280
g
Case style
TO - 209AB (TO-93)
See Outline Table
Parameter
181RKI
Units
Conditions
0.15
DC operation
0.04
Mounting surface, smooth, flat and greased
Thermal and Mechanical Specification
°C
K/W
Nm
(lbf-in)
Lubricated threads
Non lubricated threads
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1  2  3  4  5  6  7  8 


bảng dữ liệu tải về



tên linh kiện liên quan

Tên linh kiênNội dung chi tiếtHtmlNhà sản xuất
ST180SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
ST230SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
111RKIPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
ST280SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
ST110SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
ST330SPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
ST180CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST380CPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier
ST380CHPHASE CONTROL THYRISTORS Hockey Puk Version 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn