công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES1A bảng dữ liệu(PDF) 1 Page - SUNMATE electronic Co., LTD

tên linh kiện ES1A
Giải thích chi tiết về linh kiện  1.0A Surface Mount Super-Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNMATE [SUNMATE electronic Co., LTD]
Trang chủ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES1A bảng dữ liệu(HTML) 1 Page - SUNMATE electronic Co., LTD

  ES1A Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES1A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Data
ES1A - ES1G
Features
·
Glass Passivated Die Construction
·
Super-Fast Recovery Time For High Efficiency
·
Low Forward Voltage Drop and High Current Capability
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
Case: Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solder Plated Terminal - Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking: Type Number & Date Code: See Below
·
Ordering Information: See Below
·
Weight: 0.064 grams (approx.)
Characteristic
Symbol
ES1A
ES1B
ES1C
ES1D
ES1G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
400
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
280
V
Average Rectified Output Current
@ TT = 110
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 0.6A
@ IF = 1.0A
VFM
0.90
0.98
¾
1.25
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
200
mA
Reverse Recovery Time (Note 1)
trr
20
ns
Typical Total Capacitance (Note 2)
CT
10
pF
Typical Thermal Resistance, Junction to Terminal (Note 3)
RqJT
40
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
1.0A Surface Mount Super-Fast Rectifier
1of2


Số phần tương tự - ES1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SEMTECH ELECTRONICS LTD...
ES1A SEMTECH_ELEC-ES1A Datasheet
320Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A Datasheet
441Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Pan Jit International I...
ES1A PANJIT-ES1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A Datasheet
108Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
logo
Weitron Technology
ES1A WEITRON-ES1A Datasheet
346Kb / 3P
   Surface Mount Super Fast Rectifiers
More results

Mô tả tương tự - ES1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
   1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1A WTE-ES1A Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS140 DIODES-MURS140_10 Datasheet
131Kb / 4P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 10 - 2 September 2010
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com