công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BY228GP bảng dữ liệu(PDF) 1 Page - SUNMATE electronic Co., LTD

tên linh kiện BY228GP
Giải thích chi tiết về linh kiện  3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNMATE [SUNMATE electronic Co., LTD]
Trang chủ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BY228GP bảng dữ liệu(HTML) 1 Page - SUNMATE electronic Co., LTD

  BY228GP Datasheet HTML 1Page - SUNMATE electronic Co., LTD BY228GP Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
·
Mechanical Data
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.1
µA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
BY228GP
SYMBOL
BY228GP
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1500
V
Maximum RMS Voltage
Vrms
1050
V
Maximum DC blocking Voltage
Vdc
1500
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
125.0
A
Maximum Instantaneous Forward Voltage
At 5.0A
Vf
1.50
V
Maximum full load reverse current full cycle
Average at 55
°C
Ir(av)
100.0
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
100.0
µA
µA
Typical Reverse Recovery Time
(Note 1)
Trr
1000
nS
Typical Thermal Resistance
(Note 2)
Rth(ja)
70.0
K /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Thermal Resistance from Junction to Ambient on PC board with spacing 25mm
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
3.0A Axial Leaded Sintered Class Junction Plastic Rectifier


Số phần tương tự - BY228GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
   Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
BY228GP VISHAY-BY228GP Datasheet
78Kb / 5P
   Clamper / Damper Glass Passivated Fast Plastic Rectifier
01-Jan-2022
BY228GP VISHAY-BY228GP_V01 Datasheet
78Kb / 5P
   Clamper / Damper Glass Passivated Fast Plastic Rectifier
01-Jan-2022
More results

Mô tả tương tự - BY228GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SUNMATE electronic Co.,...
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
   2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
BYW178 SUNMATE-BYW178 Datasheet
153Kb / 2P
   3.0A Axial Leaded Sintered Glass Junction
logo
Gulf Semiconductor
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
logo
SUNMATE electronic Co.,...
1N5400 SUNMATE-1N5400 Datasheet
80Kb / 2P
   3.0A Axial Leaded Rectifier
logo
Gulf Semiconductor
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
logo
SUNMATE electronic Co.,...
SBYV28-50 SUNMATE-SBYV28-50 Datasheet
172Kb / 2P
   3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
logo
Gulf Semiconductor
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
   DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com