công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP275 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện OP275
Giải thích chi tiết về linh kiện  Dual Bipolar/JFET, Audio Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP275 bảng dữ liệu(HTML) 3 Page - Analog Devices

  OP275_15 Datasheet HTML 1Page - Analog Devices OP275_15 Datasheet HTML 2Page - Analog Devices OP275_15 Datasheet HTML 3Page - Analog Devices OP275_15 Datasheet HTML 4Page - Analog Devices OP275_15 Datasheet HTML 5Page - Analog Devices OP275_15 Datasheet HTML 6Page - Analog Devices OP275_15 Datasheet HTML 7Page - Analog Devices OP275_15 Datasheet HTML 8Page - Analog Devices OP275_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–2–
OP275–SPECIFICATIONS
OP275
–3–
ABSOLUTE MAXIMUM RATINGS1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±22 V
Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±22 V
Differential Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . ±7.5 V
Output Short-Circuit Duration to GND3 . . . . . . . . . . Indefinite
Storage Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Operating Temperature Range
OP275G . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Junction Temperature Range
P, S Packages . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . . .300°C
Package Type
JA
4
JC
Unit
8-Lead Plastic DIP (P)
103
43
°C/W
8-Lead SOIC (S)
158
43
°C/W
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2For supply voltages greater than ±22V, the absolute maximum input voltage is equal
to the supply voltage.
3Shorts to either supply may destroy the device. See data sheet for full details.
4JA is specified for the worst-case conditions, i.e., JA is specified for device in socket
for PDIP packages; JA is specified for device soldered in circuit board for SOIC
packages.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP275GP
–40°C to +85°C
8-Lead PDIP
N-8
OP275GS
–40°C to +85°C
8-Lead SOIC
R-8
OP275GS-REEL
–40°C to +85°C
8-Lead SOIC
R-8
OP275GS-REEL7
–40°C to +85°C
8-Lead SOIC
R-8
OP275GSZ*
–40°C to +85°C
8-Lead SOIC
R-8
OP275GSZ-REEL*
–40°C to +85°C
8-Lead SOIC
R-8
OP275GSZ-REEL7*
–40°C to +85°C
8-Lead SOIC
R-8
*Z = Pb-free part.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000V readily accumulate
on the human body and test equipment and can discharge without detection. Although the OP275 features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
REV. C
REV. C


Số phần tương tự - OP275_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP275G AD-OP275G Datasheet
189Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. A
OP275GBC AD-OP275GBC Datasheet
189Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. A
OP275GP AD-OP275GP Datasheet
189Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. A
OP275GP AD-OP275GP Datasheet
393Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275GS AD-OP275GS Datasheet
189Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. A
More results

Mô tả tương tự - OP275_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP275 AD-OP275_04 Datasheet
393Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275 AD-OP275 Datasheet
189Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
REV. A
OP176 AD-OP176_15 Datasheet
683Kb / 21P
   Bipolar/JFET, Audio Operational Amplifier
OP176 AD-OP176 Datasheet
681Kb / 21P
   Bipolar/JFET, Audio Operational Amplifier
REV. 0
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
   Dual JFET Input Audio Operational Amplifier
logo
Texas Instruments
LME49880 TI1-LME49880 Datasheet
1Mb / 18P
[Old version datasheet]   E-Series Dual JFET Input Audio Operational Amplifier
logo
Fairchild Semiconductor
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
   Dual Operational Amplifier (JFET)
LM353 FAIRCHILD-LM353 Datasheet
52Kb / 3P
   DUAL OPERATIONAL AMPLIFIER (JFET)
Rev. B
KF353 FAIRCHILD-KF353 Datasheet
34Kb / 6P
   Dual Operational Amplifier (JFET)
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com