công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP220CJ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện OP220CJ
Giải thích chi tiết về linh kiện  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP220CJ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button OP220CJ Datasheet HTML 4Page - Analog Devices OP220CJ Datasheet HTML 5Page - Analog Devices OP220CJ Datasheet HTML 6Page - Analog Devices OP220CJ Datasheet HTML 7Page - Analog Devices OP220CJ Datasheet HTML 8Page - Analog Devices OP220CJ Datasheet HTML 9Page - Analog Devices OP220CJ Datasheet HTML 10Page - Analog Devices OP220CJ Datasheet HTML 11Page - Analog Devices OP220CJ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
OP220
–9–
In this instrumentation amplifier configuration, error due to
CMRR effect is directly proportional to the differential CMRR
of the op amps. For the OP220A/E, this combined CMRR is a
minimum of 98 dB. A combined CMRR value of 100 dB and
common-mode input range of
±2.5 V indicates a peak input-
referred error of only
±25 mV.
Resistor matching is the other factor affecting CMRR. Defining
Ad as the differential gain of the instrumentation amplifier and
assuming that R1, R2, R3 and R4 are approximately equal (RN
will be the nominal value), then CMRR will be approximately
AD divided by 4
DR/RN. CMRR at differential gain of 100 would
be 88 dB with resistor matching of 0.1%. Trimming R1 to make
the ratio R3/R4 equal to R2/R1 will directly raise the CMRR
until it is limited by linearity and resistor stability considerations.
The high open-loop gain of the OP220 is very important in
achieving high accuracy in the two-op-amp instrumentation
amplifier configuration. Gain error can be approximated by:
Gain Error
=
+
<
1
1
2
1
02
01
02
A
A
A
AA
D
D
,
where AD is the instrumentation amplifier differential gain and
A02 is the open-loop gain of op amp A2. This analysis assumes
equal values of R1, R2, R3, and R4. For example, consider an
OP220 with A02 of 700 V/mV. If the differential gain AD were
set to 700, the gain error would be 1/1.001 which is approxi-
mately 0.1%.
Another effect of finite op amp gain is undesired feedthrough of
common-mode input. Defining A01 as the open-loop gain of op
amp A1, then the common-mode error (CME) at the output
due to this effect will be approximately:
CME
A
A
A
A
V
D
D
CM
=
+
2
1
1
01
01
For AD/A01, < 1, this simplifies to (2 AD/A01)
VCM. If the op
amp gain is 700 V/mV, VCM is 2.5 V, and AD is set to 700, then
the error at the output due to this effect will be approximately 5 mV.
The OP220 offers a unique combination of excellent dc perfor-
mance, wide input range, and low supply current drain that is
particularly attractive for instrumentation amplifier design.
THREE OP AMP CONFIGURATION
A three op amp instrumentation amplifier configuration using
the OP220 and OP777 is recommended for applications requiring
high accuracy over a wide gain range. This circuit provides
excellent CMR over a wide input range. As with the two op amp
instrumentation amplifier circuits, tight matching of the two op
amps provides a real boost in performance.
A2
+
VCM + 1/2 VD
1/2
OP220
A1
VD
VCM – 1/2 VD
1/2
OP220
R1
R1
V+
V–
R0
A3
OP777
R2
V+
V–
R2
R2
V1
VO
R2
V2
VO = VD 1 +
2R1
R0
Figure 5. Three Op Amp Instrumentation Amplifier Using
OP220 and OP777
A simplified schematic is shown in Figure 2. The input stage
(A1 and A2) serves to amplify the differential input VD without
amplifying the common-mode voltage VCM. The output stage
then rejects the common-mode input. With ideal op amps and
no resistor matching errors, the outputs of each amplifier will be:
V
R
R
V
V
V
R
R
V
V
VV
V
R
R
V
VA V
O
D
CM
O
D
CM
O
O
D
OD D
11
21
2
21
21
2
21
1
21
=- +
Ê
ËÁ
ˆ
¯˜
+
=+
Ê
ËÁ
ˆ
¯˜
+
=-
= +
Ê
ËÁ
ˆ
¯˜
=
The differential gain AD is 1 + 2R1/RO and the common-mode
input VCM is rejected.
This three op amp instrumentation amplifier configuration using an
OP220 at the input and an OP777 at the output provides excellent
performance over a wide gain range with very low power consump-
tion. A gain range of 1 to 2,000 is practical and CMR of over
120 dB is readily achievable.


Số phần tương tự - OP220CJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP220CJ AD-OP220CJ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220CJ AD-OP220CJ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220CJ MAXWELL-OP220CJ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

Mô tả tương tự - OP220CJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com