công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP220AZ bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện OP220AZ
Giải thích chi tiết về linh kiện  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP220AZ bảng dữ liệu(HTML) 2 Page - Analog Devices

  OP220AZ Datasheet HTML 1Page - Analog Devices OP220AZ Datasheet HTML 2Page - Analog Devices OP220AZ Datasheet HTML 3Page - Analog Devices OP220AZ Datasheet HTML 4Page - Analog Devices OP220AZ Datasheet HTML 5Page - Analog Devices OP220AZ Datasheet HTML 6Page - Analog Devices OP220AZ Datasheet HTML 7Page - Analog Devices OP220AZ Datasheet HTML 8Page - Analog Devices OP220AZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
OP220–SPECIFICATIONS
OP220A/E
OP220F
OP220C/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
VS =
±2.5 V to ±15 V
120
150
250
300
500
750
mV
Input Offset Current
IOS
VCM = 0
0.15
1.5
0.2
2
0.2
3.5
nA
Input Bias Current
IB
VCM = 0
12
2013
25
1430
nA
Input Voltage Range
IVR
V+ = 5 V, V– = 0 V
0/3.5
0/3.5
0/3.5
V
VS =
±15 V
–15/+13.5
–15/+13.5
–15/+13.5
V
Common-Mode
CMRR
V+ = 5 V, V– = 0 V
90
100
85
90
75
85
dB
Rejection Ratio
0 V
£ VCM £ 3.5 V
VS =
±15 V
95
100
90
95
80
90
dB
–15 V
£ VCM £ +13.5 V
Power Supply
PSRR
VS =
±2.5 V to ±15 V,
3
10
10
32
32
100
mV/V
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
6
18
18
57
57
180
mV/V
Large-Signal
AVO
V+ = 5 V, V– = 0 V,
500
1,000
500
800
300
500
V/mV
Voltage Gain
RL = 100 k
W,
1 V
£ VO £ 3.5 V
VS =
±15 V, RL = 25 kW
1,000
2,000
1,000
2,000
800
1,600
V/mV
VO =
±10 V
Output Voltage
VO
V+ = 5 V, V– = 0 V
0.7/4
0.7/4
0.8/4
V
Swing
RL = 10 k
W
VS =
±15 V, RL = 25 kW±14
±14
±14
V
Slew Rate
*
SR
RL =25 k
W
0.05
0.05
0.05
V/
ms
Bandwidth
BW
AVCL = 1, RL =25 k
W
200
200
200
kHz
Supply Current
ISY
VS =
±2.5 V, No Load
100
115
115
125
125
135
mA
(Both Amplifiers)
VS =
±15 V, No Load
140
170
150
190
205
220
mA
*Sample tested.
ELECTRICAL CHARACTERISTICS (@ V
S =
2.5 V to
15 V, TA = 25 C, unless otherwise noted.)
OP220A/E
OP220F
OP220C/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
TCVOS
VS =
±15 V
0.75
1.5
1.2
2
2
3
mV/∞C
Drift
*
Input Offset Voltage
VOS
200
300
400
500
1,000
1,300
mV
Input Offset Current
IOS
VCM = 0
0.5
2
0.6
2.5
0.6
5
nA
Input Bias Current
IB
VCM = 0
12
2513
30
1440
nA
Input Voltage Range
IVR
V+ = 5 V, V– = 0 V
0/3.2
0/3.2
0/3.2
V
VS =
±15 V
–15/+13.2
–15/+13.2
–15/+13.2
V
Common-Mode
CMRR
V+ = 5 V, V– = 0 V
86
90
80
85
70
80
dB
Rejection Ratio
0 V
£ VCM £ 3.2 V
VS =
±15 V
90
9585
90
7585
dB
–15 V
£ VCM £ +13.2 V
Power Supply
PSRR
VS =
±2.5 V to ±15 V,
6
18
18
57
57
180
mV/V
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
10
32
32
100
100
320
mV/V
Large-Signal
AVO
VS =
±15 V, RL = 50 kW
500
1,000
500
800
400
500
V/mV
Voltage Gain
VO =
±10 V
Output Voltage
VO
V+ = 5 V, V– = 0 V
0.9/3.8
0.9/3.8
1.0/3.8
V
Swing
RL = 20 k
W
VS =
±15 V, RL = 50 kW±13.6
±13.6
±13.6
V
Supply Current
ISY
VS =
±2.5 V, No Load
135
170
155
185
170
210
mA
(Both Amplifiers)
VS =
±15 V, No Load
190
250
200
280
275
330
mA
*Sample tested.
ELECTRICAL CHARACTERISTICS
(Vs =
2.5 V to
15 V, –55 C
£ TA £ +125 C for OP220A/C, –25 C £ TA £ +85 C for OP220E/F,
–40 C
£ TA £ +85 C for OP220G unless otherwise noted.)


Số phần tương tự - OP220AZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP220AZ AD-OP220AZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AZ AD-OP220AZ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220AZ MAXWELL-OP220AZ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

Mô tả tương tự - OP220AZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com