công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP183 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện OP183
Giải thích chi tiết về linh kiện  5 MHz Single-Supply Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP183 bảng dữ liệu(HTML) 2 Page - Analog Devices

  OP183_15 Datasheet HTML 1Page - Analog Devices OP183_15 Datasheet HTML 2Page - Analog Devices OP183_15 Datasheet HTML 3Page - Analog Devices OP183_15 Datasheet HTML 4Page - Analog Devices OP183_15 Datasheet HTML 5Page - Analog Devices OP183_15 Datasheet HTML 6Page - Analog Devices OP183_15 Datasheet HTML 7Page - Analog Devices OP183_15 Datasheet HTML 8Page - Analog Devices OP183_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OP183
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
Electrical Characteristics @ VS = 5 V......................................... 3
Electrical Characteristics @ VS = 3 V......................................... 4
Electrical Characteristics @ VS = ±15 V.................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Applications..................................................................................... 13
Offset Adjust ............................................................................... 13
Phase Reversal............................................................................. 13
Direct Access Arrangement ...................................................... 13
5 V Only Stereo DAC for Multimedia ..................................... 13
Low Voltage Headphone Amplifiers........................................ 14
Low Noise Microphone Amplifier for Multimedia ............... 14
3 V 50 Hz/60 Hz Active Notch Filter with False Ground ..... 14
Low Voltage Frequency Synthesizer for Wireless
Transceiver .................................................................................. 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
5/05—Rev. C to Rev. D
Updated Format.................................................................. Universal
Removed OP283 ................................................................. Universal
Updated Outline Dimensions ........................................................16
Changes to Ordering Guide ...........................................................16
2/02—Rev. B to Rev. C
Edits to FEATURES...........................................................................1
Edits to GENERAL DESCRIPTION...............................................1
Edits to SPECIFICATIONS......................................................... 2–3
Edits to Package Type........................................................................4
Edits to ORDERING GUIDE...........................................................4
Edits to ABSOLUTE MAXIMUM RATINGS ...............................4
Edits to OUTLINE DIMENSIONS ...............................................12
Revision 0: Initial Version


Số phần tương tự - OP183_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP183GP AD-OP183GP Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
OP183GS AD-OP183GS Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
OP183GS AD-OP183GS Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
OP183GS AD-OP183GS Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
Rev. D
OP183GS-REEL AD-OP183GS-REEL Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
More results

Mô tả tương tự - OP183_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP183 AD-OP183_05 Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
OP183 AD-OP183_V01 Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
Rev. D
OP183 AD-OP183 Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
   DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com