công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP183 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện OP183
Giải thích chi tiết về linh kiện  5 MHz Single-Supply Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP183 bảng dữ liệu(HTML) 5 Page - Analog Devices

  OP183_15 Datasheet HTML 1Page - Analog Devices OP183_15 Datasheet HTML 2Page - Analog Devices OP183_15 Datasheet HTML 3Page - Analog Devices OP183_15 Datasheet HTML 4Page - Analog Devices OP183_15 Datasheet HTML 5Page - Analog Devices OP183_15 Datasheet HTML 6Page - Analog Devices OP183_15 Datasheet HTML 7Page - Analog Devices OP183_15 Datasheet HTML 8Page - Analog Devices OP183_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP183
Rev. D | Page 5 of 16
ELECTRICAL CHARACTERISTICS @ VS = ±15 V
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.01
1.0
mV
−40°C ≤ TA ≤ +85°C
1.25
mV
Input Bias Current
IB
300
600
nA
−40°C ≤ TA ≤ +85°C
400
750
nA
Input Offset Current
IOS
−40 ≤ TA ≤ +85°C
11
±50
nA
Input Voltage Range
−15
+13.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −15 V to +13.5 V,
–40°C ≤ TA ≤ +85°C
70
86
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ
100
1000
V/mV
Offset Voltage Drift
ΔVOS/ΔT
3
μV/°C
Bias Current Drift
ΔIB/ΔT
−1.6
nA/°C
Long-Term Offset Voltage
VOS
Note1
1.5
mV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to GND, −40°C
≤ TA ≤ +85°C
13.9
14.1
V
Output Voltage Low
VOL
RL = 2 kΩ to GND, −40°C
≤ TA ≤ +85°C
−14.05
−13.9
V
Short-Circuit Limit
ISC
Source
30
mA
Sink
50
mA
Open-Loop Output Impedance
ZOUT
f = 1 MHz, AV = +1
15
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ± 2.5 V to ± 18 V,
−40°C ≤ TA ≤ +85°C
70
112
dB
Supply Current/Amplifier
ISY
VS = ±18 V, VO = 0 V,
−40°C ≤ TA ≤ +85°C
1.2
1.75
mA
Supply Voltage Range
VS
3
±18
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
10
15
V/μs
Full Power Bandwidth
BWp
1% Distortion
50
kHz
Settling Time
tS
To 0.01%
1.5
μs
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
фm
56
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
μV p-p
Voltage Noise Density
en
f = 1 kHz
10
nV/√Hz
Current Noise Density
in
0.4
pA/√Hz
1 Long-term offset voltage is guaranteed by a 1,000 hour life test performed on three independent lots at 125°C, with an LTPD of 1.3.


Số phần tương tự - OP183_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP183GP AD-OP183GP Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
OP183GS AD-OP183GS Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
OP183GS AD-OP183GS Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
OP183GS AD-OP183GS Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
Rev. D
OP183GS-REEL AD-OP183GS-REEL Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
More results

Mô tả tương tự - OP183_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP183 AD-OP183_05 Datasheet
339Kb / 16P
   5 MHz Single-Supply Operational Amplifier
REV. D
OP183 AD-OP183_V01 Datasheet
348Kb / 16P
   5 MHz Single-Supply Operational Amplifier
Rev. D
OP183 AD-OP183 Datasheet
415Kb / 12P
   5 MHz Single-Supply Operational Amplifiers
REV. B
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
   SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
   DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com