công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXRS401 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADXRS401
Giải thích chi tiết về linh kiện  75/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXRS401 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADXRS401_15 Datasheet HTML 4Page - Analog Devices ADXRS401_15 Datasheet HTML 5Page - Analog Devices ADXRS401_15 Datasheet HTML 6Page - Analog Devices ADXRS401_15 Datasheet HTML 7Page - Analog Devices ADXRS401_15 Datasheet HTML 8Page - Analog Devices ADXRS401_15 Datasheet HTML 9Page - Analog Devices ADXRS401_15 Datasheet HTML 10Page - Analog Devices ADXRS401_15 Datasheet HTML 11Page - Analog Devices ADXRS401_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXRS401
Rev. 0 | Page 10 of 12
USE WITH A SUPPLY-RATIOMETRIC ADC
The ADXRS401’s RATEOUT signal is nonratiometric (that is,
neither the null voltage nor the rate sensitivity is proportional to
the supply). Rather, they are nominally constant for dc supply
changes within the 4.75 V to 5.25 V operating range. If the
ADXRS401 is used with a supply-ratiometric ADC, the
ADXRS401’s 2.5 V output can be converted and used to make
corrections in software for the supply variations.
NULL ADJUST
Null adjustment is possible by injecting a suitable current to
SUMJ (1C, 2C). Simply add a suitable resistor to either the
ground or the positive supply. The nominal 2.5 V null is for a
symmetrical swing range at RATEOUT (1B, 2A). In some
applications, a nonsymmetrical output swing may be suitable.
If a resistor is connected to the positive supply, supply
disturbances may reflect some null instability. Avoid digital
supply noise, particularly in this case (see the Supply and
Common Considerations section).
The resistor value to use is approximately:
)
V
V
180,000)/(
(2.5
R
NULL1
NULL0
NULL
×
=
VNULL0 is the unadjusted zero rate output, and VNULL1 is the target
null value. If the initial value is below the desired value, the
resistor should terminate on common or ground. If it is above
the desired value, the resistor should terminate on the 5 V
supply. Values typically are in the 1 MΩ to 5 MΩ range.
If an external resistor is used across RATEOUT and SUMJ, the
parallel equivalent value is substituted into the above equation.
Note that the resistor value is an estimate since it assumes
VCC = 5.0 V and VSUMJ = 2.5 V.
SELF-TEST FUNCTION
The ADXRS401 includes a self-test feature that stimulates each
of the sensing structures and associated electronics in the same
manner, as if subjected to angular rate. It is activated by
standard logic high levels applied to inputs ST1 (5F, 5G), ST2
(4F, 4G), or both. ST1 causes the voltage at RATEOUT to
change about −0.800 V, and ST2 causes an opposite +0.800 V.
Activating both ST1 and ST2 simultaneously is not damaging.
Because ST1 and ST2 are not necessarily closely matched,
actuating both simultaneously may result in an apparent null
bias shift.
ACCELERATION SENSITIVITY
The sign convention used is that lateral acceleration is positive
in the direction from Pin Column A to Pin Column G of the
package. That is, a device has positive sensitivity if its voltage
output increases when the row of Pins 2A to 6A are tipped
under the row 2G to 6G in the Earth’s gravity.
There are two effects of concern: shifts in the static null and
induced null noise. Scale factor is not significantly affected until
acceleration reaches several hundred meters per second
squared.
Vibration rectification for frequencies up to 20 kHz is of the
order of 0.00002(°/s)/(m/s2)2 in the primary axis and
0.0003(°/s)/(m/s2)2 for acceleration applied along a diagonal of
the lid. It is not significantly dependent on frequency, and has
been verified up to 300 m/s2 rms.
Linear vibration spectral density near the 14 kHz sensor
resonance translates into output noise. In order to have a
significant effect, the vibration must be within the angular rate
bandwidth (typically ±40 Hz of the resonance), so it takes
considerable high frequency vibration to have any effect.
Away from the 14 kHz resonance, the effect is not discernible,
except for vibration frequencies within the angular rate pass
band. The in-band effect can be seen in Figure 17. This is the
result of the static g-sensitivity. The specimen used for Figure 17
had a g-sensitivity of 0.15 °/s/g and its total in-band noise
degraded from 3 mV rms to 5 mV rms for the specified
vibration. The effect of broadband vibration up is shown in
Figure 18 and Figure 19.
The output noise of the part falls away in accordance with the
output low-pass filter and does not contain any spikes greater
than 1% of the low frequency noise. A typical noise spectrum is
shown in Figure 16.
–60
–70
–80
–90
–100
–110
–120
–130
0
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 16. Noise Spectral Density at RATEOUT – BW = 4Hz


Số phần tương tự - ADXRS401_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS401ABG AD-ADXRS401ABG Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS401ABG-REEL AD-ADXRS401ABG-REEL Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS401EB AD-ADXRS401EB Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
More results

Mô tả tương tự - ADXRS401_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com