công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL210 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADXL210
Giải thích chi tiết về linh kiện  Accelerometers with Digital Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL210 bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADXL210_15 Datasheet HTML 1Page - Analog Devices ADXL210_15 Datasheet HTML 2Page - Analog Devices ADXL210_15 Datasheet HTML 3Page - Analog Devices ADXL210_15 Datasheet HTML 4Page - Analog Devices ADXL210_15 Datasheet HTML 5Page - Analog Devices ADXL210_15 Datasheet HTML 6Page - Analog Devices ADXL210_15 Datasheet HTML 7Page - Analog Devices ADXL210_15 Datasheet HTML 8Page - Analog Devices ADXL210_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ADXL202/ADXL210–SPECIFICATIONS
ADXL202/JQC/AQC
ADXL210/JQC/AQC
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
SENSOR INPUT
Each Axis
Measurement Range
1
±1.5
±2
±8
±10
g
Nonlinearity
Best Fit Straight Line
0.2
0.2
% of FS
Alignment Error
2
±1
±1
Degrees
Alignment Error
X Sensor to Y Sensor
±0.01
±0.01
Degrees
Transverse Sensitivity
3
±2
±2%
SENSITIVITY
Each Axis
Duty Cycle per g
T1/T2 @ +25
°C
10
12.5
15
3.2
4.0
4.8
%/g
Sensitivity, Analog Output
At Pins XFILT, YFILT
312
100
mV/g
Temperature Drift
4
∆ from +25°C
±0.5
±0.5
% Rdg
ZERO g BIAS LEVEL
Each Axis
0 g Duty Cycle
T1/T2
25
50
75
42
50
58
%
Initial Offset
±2
±2
g
0 g Duty Cycle vs. Supply
1.0
4.0
1.0
4.0
%/V
0 g Offset vs. Temperature
4
∆ from +25°C
2.0
2.0
mg/
°C
NOISE PERFORMANCE
Noise Density
5
@ +25
°C
500
1000
500
1000
µg/√Hz
FREQUENCY RESPONSE
3 dB Bandwidth
Duty Cycle Output
500
500
Hz
3 dB Bandwidth
At Pins XFILT, YFILT
55
kHz
Sensor Resonant Frequency
10
14
kHz
FILTER
RFILT Tolerance
32 k
Ω Nominal
±15
±15
%
Minimum Capacitance
At XFILT, YFILT
1000
1000
pF
SELF TEST
Duty Cycle Change
Self-Test “0” to “1”
10
10
%
DUTY CYCLE OUTPUT STAGE
FSET
125 M
Ω/R
SET
125 M
Ω/R
SET
FSET Tolerance
RSET = 125 kΩ
0.7
1.3
0.7
1.3
kHz
Output High Voltage
I = 25
µAV
S – 200 mV
VS – 200 mV
mV
Output Low Voltage
I = 25
µA
200
200
mV
T2 Drift vs. Temperature
35
35
ppm/
°C
Rise/Fall Time
200
200
ns
POWER SUPPLY
Operating Voltage Range
3.0
5.25
2.7
5.25
V
Specified Performance
4.75
5.25
4.75
5.25
V
Quiescent Supply Current
0.6
1.0
0.6
1.0
mA
Turn-On Time
6
To 99%
160 CFILT + 0.3
160 CFILT + 0.3
ms
TEMPERATURE RANGE
Operating Range
JQC
0
+70
0
+70
°C
Specified Performance
AQC
–40
+85
–40
+85
°C
NOTES
1For all combinations of offset and sensitivity variation.
2Alignment error is specified as the angle between the true and indicated axis of sensitivity.
3Transverse sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors.
4Specification refers to the maximum change in parameter from its initial at +25
°C to its worst case value at T
MIN to TMAX.
5Noise density (
µg/√Hz) is the average noise at any frequency in the bandwidth of the part.
6C
FILT in µF. Addition of filter capacitor will increase turn on time. Please see the Application section on power cycling.
All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
Specifications subject to change without notice.
(TA = TMIN to TMAX, TA = +25 C for J Grade only, VDD = +5 V,
RSET = 125 k , Acceleration = 0 g, unless otherwise noted)
REV. B
–2–


Số phần tương tự - ADXL210_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JQC AD-ADXL210JQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
More results

Mô tả tương tự - ADXL210_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL202 AD-ADXL202_15 Datasheet
819Kb / 11P
   Accelerometers with Digital Output
REV. B
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
logo
Murata Manufacturing Co...
SCA620-EF8H1A MURATA-SCA620-EF8H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA830-D07 MURATA-SCA830-D07_17 Datasheet
171Kb / 2P
   Accelerometers
logo
List of Unclassifed Man...
KXPA4 ETC1-KXPA4 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
logo
Murata Manufacturing Co...
SCA1000-N1000070 MURATA-SCA1000-N1000070 Datasheet
179Kb / 2P
   Accelerometers
SCA3100-D07 MURATA-SCA3100-D07 Datasheet
171Kb / 2P
   Accelerometers
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA3100-D04 MURATA-SCA3100-D04 Datasheet
171Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA2120-D06 MURATA1-SCA2120-D06 Datasheet
117Kb / 2P
   Accelerometers
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com