công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL210 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADXL210
Giải thích chi tiết về linh kiện  Accelerometers with Digital Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL210 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADXL210_15 Datasheet HTML 3Page - Analog Devices ADXL210_15 Datasheet HTML 4Page - Analog Devices ADXL210_15 Datasheet HTML 5Page - Analog Devices ADXL210_15 Datasheet HTML 6Page - Analog Devices ADXL210_15 Datasheet HTML 7Page - Analog Devices ADXL210_15 Datasheet HTML 8Page - Analog Devices ADXL210_15 Datasheet HTML 9Page - Analog Devices ADXL210_15 Datasheet HTML 10Page - Analog Devices ADXL210_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ADXL202/ADXL210
–9–
REV. B
A DUAL AXIS TILT SENSOR: CONVERTING
ACCELERATION TO TILT
When the accelerometer is oriented so both its X and Y axes are
parallel to the earth’s surface it can be used as a two axis tilt
sensor with a roll and a pitch axis. Once the output signal from
the accelerometer has been converted to an acceleration that
varies between –1 g and +1 g, the output tilt in degrees is calcu-
lated as follows:
Pitch = ASIN (Ax/1 g)
Roll = ASIN (Ay/1 g)
Be sure to account for overranges. It is possible for the acceler-
ometers to output a signal greater than
±1 g due to vibration,
shock or other accelerations.
MEASURING 360 OF TILT
It is possible to measure a full 360
° of orientation through grav-
ity by using two accelerometers oriented perpendicular to one
another (see Figure 15). When one sensor is reading a maxi-
mum change in output per degree, the other is at its minimum.
Y
X
360 OF TILT
1
g
Figure 15. Using a Two-Axis Accelerometer to Measure
360
° of Tilt
STRATEGIES FOR USING THE DUTY CYCLE OUTPUT
WITH MICROCONTROLLERS
Application notes outlining various strategies for using the duty
cycle output with low cost microcontrollers are available from
the factory.
USING THE ADXL202/ADXL210 AS A DUAL AXIS TILT
SENSOR
One of the most popular applications of the ADXL202/ADXL210
is tilt measurement. An accelerometer uses the force of gravity
as an input vector to determine orientation of an object in space.
An accelerometer is most sensitive to tilt when its sensitive axis
is perpendicular to the force of gravity, i.e., parallel to the
earth’s surface. At this orientation its sensitivity to changes in
tilt is highest. When the accelerometer is oriented on axis to
gravity, i.e., near its +1 g or –1 g reading, the change in output
acceleration per degree of tilt is negligible. When the accelerom-
eter is perpendicular to gravity, its output will change nearly
17.5 mg per degree of tilt, but at 45
° degrees it is changing only
at 12.2 mg per degree and resolution declines. The following
table illustrates the changes in the X and Y axes as the device is
tilted
±90° through gravity.
Y
X
+90
0
–90
1
g
X OUTPUT
Y OUTPUT (
g)
X AXIS
PER
PER
ORIENTATION
DEGREE OF
DEGREE OF
TO HORIZON ( )
X OUTPUT (
g)
TILT (m
g)
Y OUTPUT (
g) TILT (mg)
–90
–1.000
–0.2
0.000
17.5
–75
–0.966
4.4
0.259
16.9
–60
–0.866
8.6
0.500
15.2
–45
–0.707
12.2
0.707
12.4
–30
–0.500
15.0
0.866
8.9
–15
–0.259
16.8
0.966
4.7
0
0.000
17.5
1.000
0.2
15
0.259
16.9
0.966
–4.4
30
0.500
15.2
0.866
–8.6
45
0.707
12.4
0.707
–12.2
60
0.866
8.9
0.500
–15.0
75
0.966
4.7
0.259
–16.8
90
1.000
0.2
0.000
–17.5
Figure 14. How the X and Y Axes Respond to Changes in
Tilt


Số phần tương tự - ADXL210_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JQC AD-ADXL210JQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
More results

Mô tả tương tự - ADXL210_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL202 AD-ADXL202_15 Datasheet
819Kb / 11P
   Accelerometers with Digital Output
REV. B
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
logo
Murata Manufacturing Co...
SCA620-EF8H1A MURATA-SCA620-EF8H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA830-D07 MURATA-SCA830-D07_17 Datasheet
171Kb / 2P
   Accelerometers
logo
List of Unclassifed Man...
KXPA4 ETC1-KXPA4 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
logo
Murata Manufacturing Co...
SCA1000-N1000070 MURATA-SCA1000-N1000070 Datasheet
179Kb / 2P
   Accelerometers
SCA3100-D07 MURATA-SCA3100-D07 Datasheet
171Kb / 2P
   Accelerometers
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
   Accelerometers
SCA3100-D04 MURATA-SCA3100-D04 Datasheet
171Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA2120-D06 MURATA1-SCA2120-D06 Datasheet
117Kb / 2P
   Accelerometers
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com