công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL311 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADXL311
Giải thích chi tiết về linh kiện  Ultracompact 2g Dual-Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL311 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADXL311_15 Datasheet HTML 1Page - Analog Devices ADXL311_15 Datasheet HTML 2Page - Analog Devices ADXL311_15 Datasheet HTML 3Page - Analog Devices ADXL311_15 Datasheet HTML 4Page - Analog Devices ADXL311_15 Datasheet HTML 5Page - Analog Devices ADXL311_15 Datasheet HTML 6Page - Analog Devices ADXL311_15 Datasheet HTML 7Page - Analog Devices ADXL311_15 Datasheet HTML 8Page - Analog Devices ADXL311_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultracompact ±2g Dual-Axis Accelerometer
ADXL311
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High resolution
Dual-axis accelerometer on a single IC chip
5 mm × 5 mm × 2 mm LCC package
Low power <400
µA (typ)
X-axis and Y-axis aligned to within 0.1° (typ)
BW adjustment with a single capacitor
Single-supply operation
High shock survival
APPLICATIONS
Tilt and motion sensing
Smart hand-held devices
Computer security
Input devices
Pedometers and activity monitors
Game controllers
Toys and entertainment products
FUNCTIONAL BLOCK DIAGRAM
COM
YOUT
XOUT
VDD
CX
ADXL311
Y SENSOR
3.0V
SELF TEST
X SENSOR
XFILT
32k
YFILT
32k
CY
CDC
OSCILLATOR
DEMOD
DEMOD
Figure 1.
GENERAL DESCRIPTION
The ADXL311 is a low power, complete dual-axis accelerometer
with signal conditioned voltage outputs, all on a single
monolithic IC. The ADXL311 is built using the same proven
iMEMS® process used in over 180 million Analog Devices
accelerometers shipped to date, with demonstrated 1 FIT
reliability (1 failure per 1 billion device operating hours).
The ADXL311 measures acceleration with a full-scale range of
±2 g. The ADXL311 can measure both dynamic acceleration
(e.g., vibration) and static acceleration (e.g., gravity). The
outputs are analog voltages proportional to acceleration.
The typical noise floor is 300 µg/√Hz, allowing signals below
2 mg (0.1° of inclination) to be resolved in tilt sensing appli-
cations using narrow bandwidths (10 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XOUT and YOUT pins. Bandwidths
of 1 Hz to 3 kHz can be selected to suit the application.
The ADXL311 is available in a 5 mm × 5 mm × 2 mm,
8-terminal, hermetic LCC package.


Số phần tương tự - ADXL311_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
More results

Mô tả tương tự - ADXL311_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
   2g Tri-Axis Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
   2g Tri-Axis Accelerometer Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com