công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL105 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADXL105
Giải thích chi tiết về linh kiện  High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL105 bảng dữ liệu(HTML) 8 Page - Analog Devices

  ADXL105_15 Datasheet HTML 1Page - Analog Devices ADXL105_15 Datasheet HTML 2Page - Analog Devices ADXL105_15 Datasheet HTML 3Page - Analog Devices ADXL105_15 Datasheet HTML 4Page - Analog Devices ADXL105_15 Datasheet HTML 5Page - Analog Devices ADXL105_15 Datasheet HTML 6Page - Analog Devices ADXL105_15 Datasheet HTML 7Page - Analog Devices ADXL105_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. A
ADXL105
–8–
Dynamic Operation
In applications where only dynamic accelerations (vibration) are
of interest, it is often best to ac-couple the accelerometer output
as shown in Figures 15c and 15d. The advantage of ac coupling
is that 0g offset variability (part to part) and drifts are eliminated.
Low Power Operation
The most straightforward method of lowering the ADXL105’s
power consumption is to minimize its supply voltage. By lower-
ing VDD from 5 V to 2.7 V the power consumption goes from
9.5 mW to 3.5 mW. There may be reasons why lowering the
supply voltage is impractical in many applications, in which case
the best way to minimize power consumption is by power cycling.
The ADXL105 is capable of turning on and giving an accurate
reading within 700
µs (see Figure 18). Most microcontrollers
can perform an A-to-D conversion in under 25
µs. So it is prac-
tical to turn on the ADXL105 and take a reading in under 750
µs. Given a 100 Hz sample rate the average current required at
2.7 V would be:
100 samples/s
× 750
µs × 1.3 mA = 97.5 µA
Figure 18. Typical Turn-On Response at VDD = 5 V
Note that if a filter is used in the UCA, sufficient time must be
allowed for the settling of the filter as well.
Broadband Operation
The ADXL105 has a number of characteristics that permits
operation over a wide frequency range. Its frequency and phase
response is essentially flat from dc to 10 kHz (see Figures 12
and 13). Its sensitivity is also constant over temperature (see
Figure 3). In contrast, most accelerometers do not have linear
response at low frequencies (in many cases, no response at very
low frequencies or dc), and often have a large sensitivity tem-
perature coefficient that must be compensated for. In addi-
tion, the ADXL105’s noise floor is essentially flat from dc to
5 kHz where it gently rolls off (see Figure 7). The beam reso-
nance at 16 kHz can be seen in Figure 7 where there is a small
noise peak (+5 dB) at the beam’s resonant frequency. There are
no other significant noise peaks at any frequency.
The resonant frequency of the beam in the ADXL105 deter-
mines its high frequency limit. However the resonant frequency
of the Cerpak package is typically around 7 kHz. As a result, it
is not unusual to see 6 dB peaks occurring at the package reso-
nant frequency (as shown in Figures 12 and 13). Indeed, the
PCB will often have one or more resonant peaks well below
7 kHz. Therefore, if the application calls for accurate operation
at or above 6 kHz the ADXL105 should be glued to the PCB in
order to eliminate the amplitude response peak due to the pack-
age, and careful consideration should be given to the PCB
mechanical design.
CALIBRATING THE ADXL105
The initial value of the offset and scale factor for the ADXL105
will require dc calibration for applications such as tilt
measurement.
For low g applications, the force of gravity is the most stable,
accurate and convenient acceleration reference available. An
approximate reading of the 0 g point can be determined by
orienting the device parallel to the Earth’s surface and then
reading the output. For high accuracy, a calibrated fixture must
be used to ensure exact 90 degree orientation to the 1 g gravity
signal.
An accurate sensitivity calibration method is to make a measure-
ment at +1 g and –1 g. The sensitivity can be determined by the
two measurements. This method has the advantage of being less
sensitive to the alignment of the accelerometer because the on
axis signal is proportional to the Cosine of the angle. For ex-
ample, a 5
° error in the orientation results in only a 0.4% error
in the measurement.
To calibrate, the accelerometer measurement axis is pointed
directly at the Earth. The 1 g reading is saved and the sensor is
turned 180
° to measure –1 g. Using the two readings and sensi-
tivity is calculated:
Sensitivity = [1 g Reading – (–1 g Reading)]/2 V/g
VDD
TOUT
ST
COM
AOUT
VMID
VIN
VNIN
UCAOUT
UNCOMMITTED
AMPLIFIER
ADXL105
X SENSOR
TEMP
SENSOR
VDD
0.22 F
50
COM
+V
A-TO-D
CONVERTER
DOUT
VREF
AIN
COM
Figure 17. Reducing Noise on VDD
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead Cerpak
(QC-14)
1
7
8
14
0.310 (7.874)
0.275 (6.985)
0.415 (10.541)
MAX
PIN 1
0.300 (7.62)
0.419 (10.643)
0.394 (10.008)
0.345 (8.763)
0.290 (7.366)
0.050 (1.270)
0.016 (0.406)
8
0
0.0125 (0.318)
0.009 (0.229)
SEATING
PLANE
0.170 (4.318)
0.135 (3.429)
0.190 (4.826)
0.140 (3.556)
0.020 (0.508)
0.013 (0.330)
0.050
(1.27)
BSC
0.020 (0.508)
0.004 (0.102)


Số phần tương tự - ADXL105_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL105AQC AD-ADXL105AQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105EM-1 AD-ADXL105EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105EM-3 AD-ADXL105EM-3 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105JQC AD-ADXL105JQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results

Mô tả tương tự - ADXL105_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
   Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com