công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL105 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADXL105
Giải thích chi tiết về linh kiện  High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL105 bảng dữ liệu(HTML) 7 Page - Analog Devices

  ADXL105_15 Datasheet HTML 1Page - Analog Devices ADXL105_15 Datasheet HTML 2Page - Analog Devices ADXL105_15 Datasheet HTML 3Page - Analog Devices ADXL105_15 Datasheet HTML 4Page - Analog Devices ADXL105_15 Datasheet HTML 5Page - Analog Devices ADXL105_15 Datasheet HTML 6Page - Analog Devices ADXL105_15 Datasheet HTML 7Page - Analog Devices ADXL105_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
–7–
ADXL105
Output Scaling
The acceleration output (AOUT) of the ADXL105 is nominally
250 mV/g. This scale factor may not be appropriate for all appli-
cations. The UCA may be used to increase the scale factor. The
simplest implementation would be as shown in Figure 14a.
Since the 0 g offset of the ADXL105 is 2.5 V
± 625 mV, using a
gain of greater than 4 could result in having the UCA output at
0 V or 5 V at 0 g. The solution is to add R3 and VR1, as shown
in Figure 14b, turning the UCA into a summing amplifier. VR1
is adjusted such that the UCA output is V
DD/2 at 0 g.
C
R1
OUT
R2
IN
f–3dB =
1
2 CR1
GAIN = –
R1
R2
VMID
a. 1-Pole Low-Pass Filter
0.22 F
OUT
20k
IN
f–3dB = 30Hz
20k
0.18 F
VMID
b. 2-Pole Bessel Low-Pass Filter
R1
OUT
R2
IN
f–3dB =
1
2 CR2
GAIN = –
R1
R2
C
R3
R3
2.5 R1
~
~
VMID
VMID
c. 1-Pole High-Pass Filter
44.2k
OUT
IN
f–3dB = 10Hz
59k
0.39 F
0.39 F
VMID
d. 2-Pole Bessel High-Pass Filter
Figure 15. UCA Used as Active Filters*
Device Bandwidth vs. Resolution
In general the bandwidth selected will determine the noise floor
and hence, the measurement resolution (smallest detectable
acceleration) of the ADXL105. Since the noise of the ADXL105
has the characteristic of white Gaussian noise that contributes
equally at all frequencies, the noise amplitude may be reduced
by simply reducing the bandwidth. So the typical noise of the
ADXL105 is:
Noise (rms) = (225
µg/√Hz) × (√Bandwidth × K)
Where
K
≈ 1.6 for a single-pole filter
K
≈ 1.4 for a 2-pole filter
So given a bandwidth of 1000 Hz, the typical rms noise floor of
an ADLX105 will be:
Noise = (225
µg/√Hz) × (√1000 × 1.6)
= 9 mg rms for a single-pole filter
and
Noise = (225
µg/√Hz) × (√1000 × 1.4)
= 8.4 mg rms for 2-pole filter
Often the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical means. Table I may be used
for estimating the probabilities of exceeding various peak values
given the rms value. The peak-to-peak noise value will give the
best estimate of the uncertainty in a single measurement.
Table I. Estimation of Peak-to-Peak Noise
Nominal Peak-to-
% of Time that Noise Will
Peak Value
Exceed Peak-to-Peak Value
2
× rms
32%
3
× rms
13%
4
× rms
4.6%
5
× rms
1.2%
6
× rms
0.27%
7
× rms
0.047%
8
× rms
0.0063%
The UCA may be configured to act as an active filter with gain
and 0 g offset control as shown in Figure 16.
0.1 F
OUT
IN
GAIN = 2
f–3dB = 30Hz
0.1 F
100k
47k
47k
10k
VDD
47k
Figure 16. UCA Configured as an Active Low-Pass Filter
with Gain and Offset
EMC and Electrical Noise
The design of the ADXL105 is such that EMI or magnetic
fields do not normally affect it. Since the ADXL105 is ratiomet-
ric, conducted electrical noise on VDD does affect the output.
This is particularly true for noise at the ADXL105’s internal
clock frequency (200 kHz) and its odd harmonics. So maintain-
ing a clean supply voltage is key in preserving the low noise and
high resolution properties of the ADXL105.
One way to ensure that VDD contains no high frequency noise is
to add an R-C low-pass filter near the VDD pin as shown in
Figure 17. Using the component values shown in Figure 17,
noise at 200 kHz is attenuated by approximately –23 dB. As-
suming the ADXL105 consumes 2 mA, there will be a 100 mV
drop across R1. This can be neglected simply by using the
ADXL105’s VDD as the A-to-D converter’s reference voltage as
shown in Figure 17.
*For other corner frequencies, consult an active filter handbook.


Số phần tương tự - ADXL105_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL105AQC AD-ADXL105AQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105EM-1 AD-ADXL105EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105EM-3 AD-ADXL105EM-3 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
ADXL105JQC AD-ADXL105JQC Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results

Mô tả tương tự - ADXL105_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
   Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com