công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1A bảng dữ liệu(PDF) 1 Page - Yea Shin Technology Co., Ltd

tên linh kiện GS1A
Giải thích chi tiết về linh kiện  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YEASHIN [Yea Shin Technology Co., Ltd]
Trang chủ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

GS1A bảng dữ liệu(HTML) 1 Page - Yea Shin Technology Co., Ltd

  GS1A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GS1A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT RECTIFIER
VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Amperes
FE ATURES
For surface mou nted applications
Lo w profile package
Built-in strain reli ef
Easy pick and place
Plastic package has Und erw riters Laboratory Flammability
Classification 9 4 V-O
Lo w Forw ard Drop
• High tempera ture soldering : 260
OC / 10 seconds at terminals
• Pb free product at available:99%
Sn above meet RoHS
environment substance directive request
MECHAN ICAL D ATA
Case :JEDEC D O -214AC molded plastic
Terminals:Solder plated, solderable per MIL-STD-750 ,
Method 2026
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
MAXIM UM RATING S AND ELECTRICAL CH ARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
V R R M
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
V R M S
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
V D C
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current,
at TL=75°C
I(AV)
1.0
A
Peak For ward Surge Current 8.3ms single ha lf sine- wave
super imposed on rated load (J EDEC method)
IFSM
30.0
A
Maximum I nstanta neous Forward Vol tage at 1.0A
V F
1.1
V
Maximum DC Reverse Current TA=25°C
at Rated DC Blocking Voltage TA=125°C
IR
5.0
100
A
A
Maximum Reverse Recovery Time(Note 1) TJ=25°C
T R R
2.5
s
Typical Junction Capacitance (Note 2)
C J
2.5
P F
Maximum Therma l Resistance(Note 3)
RθJA
15.0
/W
Operating and Storage Temperature Range
TJ ,TSTG
-55 tO +1 50
NOTES:
Reverse Recovery Test Condition s: IF=0.5A, IR=1.0A, I rr=0.25A
2. Measured at 1 MHz and applied Vr = 4.0 volts.
3. 8.0 mm2 ( .013mm thick ) land areas.
SMA/DO-214AC
Unit:inch(mm)
.062(1.60)
.047(1.20)
.012(.305)
.006(.152)
.008(.203 )
.002(.051)
.060(1.52)
.030(0.76)
.181(4.60)
.157(4.00)
.208(5.28)
.188(4.80)
.114(2.90)
.098(2.50)
.096(2.44)
.078(2.00)
SEMICONDUCTOR
DATA SHEET
http://www.yeashin.com
1
REV.03 20150105
GS1A THRU GS1M
1.
Glass passivated dip Junction
° C
° C
µ
µ
µ
S Y M B OLS
G S1 A
G S1B
G S1D
G S1G
G S 1J
G S 1K
GS1 M
UNITS


Số phần tương tự - GS1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DACO SEMICONDUCTOR CO.,...
GS1A DACO-GS1A Datasheet
471Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Kingtronics Internation...
GS1A KINGTRONICS-GS1A Datasheet
898Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
More results

Mô tả tương tự - GS1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com