công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4001G bảng dữ liệu(PDF) 1 Page - Yea Shin Technology Co., Ltd

tên linh kiện 1N4001G
Giải thích chi tiết về linh kiện  GLASS PASSIVATION RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YEASHIN [Yea Shin Technology Co., Ltd]
Trang chủ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N4001G bảng dữ liệu(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1N4001G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N4001G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATION RECTIFIERS
VOLTAGE - 50 to 1000 Volts CURRE NT - 1.0 Ampere
FE ATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Exceeds environmental standards of MIL-S-19500/228
• High temperature soldering : 260 OC / 10 seconds at terminals
• Pbfree product at available:99% Sn above meet RoHS
environment subst ance directive request
MECHAN ICAL D ATA
Epoxy : UL 94V- O rate flame retardant.
Method 208 guaranteed
Mounting Po siti on: Any
MAXIMUM RATINGS AND ELECTRICAL CH ARACTERISTI CS
Ratings a t 25°C ambient temperature unless otherwise sp ecified.
Single phase , half wave, 60 Hz, r esistive or inductive load.
For capacitive load,derate current by 20%.
1N4006G 1N4007G
UNIT
50
100
200
400
600
800
1000
V
Maximum R MS Voltage
35
70
140
280
420
560
700
V
DC Reverse Volt age; VR
50
100
200
400
600
800
1000
V
Average Forw ard Current ,Io @ TA =
75°C 3/8” lead length,
HZ
resisti ve or inductive l oad.
1.0
A
Peak Forward Surge Current,IFM(surge):8. 3ms single half
sine-wave superimposedon rated load(JEDEC method)
30
A
Maximum For ward Voltage at 1.0A
1.1
V
Maximum Full Load Reverse Curr ent ,Full Cycle Average
TA=75°C
30.0
µA
Maxi mum DC Reverse Current at T A=25°C
At Rated DC Blocking Volt age TA=100°C
5.0
50
Typi cal Juncti on capacitance@ (Not e 1)
15
pF
Typical Therma l Resistance
θ
(Note 2)
50.0
°C/W
Typical Therma l Resistance (Note 2)
25.0
Oper ati ng and Storage Temperature Range
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from junction to lead at 0.375”(9.5mm)lead length P.C.B.mounted.
.034 (0.86)
.025 (0.65)
.205 (5.2)
.16 0 (4. 1)
.107 (2.7)
.080 (2.0)
DIA.
DIA.
DO-41
Unit:inch (mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DATA SHEET
http://www.yeashin.com
1
REV.03 20150105
1N4001G THRU 1N4007G
SEMICONDUCTOR
Peak Reverse Voltage, Repetitive ; VRM
Item
°C
SY MBOLS
VRRM
VRMS
VDC
60
I(AV)
I
FSM
VF
at
T
J,TSTG
I R
C
J
R JA
Lead Axial leads,solderable per MIL-STD-202,
Case:DO-41 Molded plastic
polarity:Color band denotes cathode end
µA
µA
°C/W
1N4001G
1N4002G 1N4003G 1N4004G
1N4005G
R
θJL


Số phần tương tự - 1N4001G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Mô tả tương tự - 1N4001G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Compact Technology Corp...
F16C20C CTC-F16C20C Datasheet
185Kb / 2P
   FAST Recovery Rectifiers Glass Passivation
S1A CTC-S1A_15 Datasheet
76Kb / 2P
   SURFACE MOUNT GLASS PASSIVATION RECTIFIERS
PR1001G CTC-PR1001G Datasheet
64Kb / 2P
   FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
PR1001G CTC-PR1001G_15 Datasheet
99Kb / 2P
   FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
logo
Kersemi Electronic Co.,...
CR5AS-12 KERSEMI-CR5AS-12 Datasheet
1Mb / 7P
   Glass Passivation Type
logo
Thinki Semiconductor Co...
DB201S THINKISEMI-DB201S Datasheet
1Mb / 2P
   2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
DF2005S THINKISEMI-DF2005S Datasheet
1Mb / 2P
   2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
FR151G YEASHIN-FR151G Datasheet
74Kb / 2P
   FAST SWITCHING GLASS PASSIVATION RECTIFIER
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
logo
Naina Semiconductor ltd...
NPS20 NAINA-NPS20 Datasheet
157Kb / 2P
   Improved glass passivation for high reliability
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com