công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADR423 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADR423
Giải thích chi tiết về linh kiện  Ultraprecision, Low Noise Voltage References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADR423 bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADR423_15 Datasheet HTML 1Page - Analog Devices ADR423_15 Datasheet HTML 2Page - Analog Devices ADR423_15 Datasheet HTML 3Page - Analog Devices ADR423_15 Datasheet HTML 4Page - Analog Devices ADR423_15 Datasheet HTML 5Page - Analog Devices ADR423_15 Datasheet HTML 6Page - Analog Devices ADR423_15 Datasheet HTML 7Page - Analog Devices ADR423_15 Datasheet HTML 8Page - Analog Devices ADR423_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Data Sheet
Rev. J | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configuration............................................................................. 1
General Description ......................................................................... 1
ADR42x Products............................................................................. 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
ADR420 Electrical Specifications............................................... 4
ADR421 Electrical Specifications............................................... 5
ADR423 Electrical Specifications............................................... 6
ADR425 Electrical Specifications............................................... 7
Absolute Maximum Ratings............................................................ 8
Thermal Resistance ...................................................................... 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 16
Theory of Operation ...................................................................... 17
Device Power Dissipation Considerations.............................. 17
Basic Voltage Reference Connections ..................................... 17
Noise Performance..................................................................... 17
Turn-On Time ............................................................................ 17
Applications..................................................................................... 18
Output Adjustment .................................................................... 18
Reference for Converters in Optical Network Control
Circuits......................................................................................... 18
High Voltage Floating Current Source .................................... 18
Kelvin Connections.................................................................... 19
Dual-Polarity References........................................................... 19
Programmable Current Source ................................................ 20
Programmable DAC Reference Voltage .................................. 20
Precision Voltage Reference for Data Converters.................. 21
Precision Boosted Output Regulator....................................... 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 23


Số phần tương tự - ADR423_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR423AR AD-ADR423AR Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423AR-REEL7 AD-ADR423AR-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423ARM-REEL7 AD-ADR423ARM-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423ARMZ AD-ADR423ARMZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR423ARMZ-REEL7 AD-ADR423ARMZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Mô tả tương tự - ADR423_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com