công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3334 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADP3334
Giải thích chi tiết về linh kiện  Adjustable Low Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3334 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADP3334_15 Datasheet HTML 3Page - Analog Devices ADP3334_15 Datasheet HTML 4Page - Analog Devices ADP3334_15 Datasheet HTML 5Page - Analog Devices ADP3334_15 Datasheet HTML 6Page - Analog Devices ADP3334_15 Datasheet HTML 7Page - Analog Devices ADP3334_15 Datasheet HTML 8Page - Analog Devices ADP3334_15 Datasheet HTML 9Page - Analog Devices ADP3334_15 Datasheet HTML 10Page - Analog Devices ADP3334_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
REV.
–8–
ADP3334
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For normal
operation, device power dissipation should be externally limited
so that junction temperatures will not exceed 150°C.
Calculating Junction Temperature
Device power dissipation is calculated as follows:
PV
V
I
V
I
DINOUT
LOAD
IN
GND
=-
()
+
()
(8)
where ILOAD and IGND are load current and ground current, VIN
and VOUT are input and output voltages, respectively.
Assuming ILOAD = 400 mA, IGND = 4 mA, VIN = 5.0 V and
VOUT = 2.8 V, device power dissipation is:
PmA
mA
mW
D
=-
()
+
() =
52 8 400
5 0 4
900
..
(9)
As an example, the proprietary package used in the ADP3334
has a thermal resistance of 86.6°C/W, significantly lower than
a standard SOIC-8 package. Assuming a 4-layer board, the
junction temperature rise above ambient temperature will be
approximately equal to:
DT= .
W
C W
C
A
J
0 900
86 6
77 9
¥
=
./
.
(10)
To limit the maximum junction temperature to 150°C, maxi-
mum allowable ambient temperature will be:
TC / W
C
AMAX
=
∞ -
=
150
77 9
72 1
C
..
(11)
The maximum power dissipation versus ambient temperature
for each package is shown in Figure 5.
AMBIENT TEMPERATURE – C
3.5
–20
0
20
406080
2.5
1.5
1.0
0.5
0
3.0
2.0
158 C/W MSOP
220 C/W MSOP
122 C/W SOIC
86 C/W SOIC
62 C/W LFCSP
48 C/W LFCSP
Figure 5. Power Derating Curve
Printed Circuit Board Layout Consideration
All surface-mount packages rely on the traces of the PC board
to conduct heat away from the package.
In standard packages, the dominant component of the heat
resistance path is the plastic between the die attach pad and the
individual leads. In typical thermally enhanced packages, one or
more of the leads are fused to the die attach pad, significantly
decreasing this component. To make the improvement mean-
ingful, however, a significant copper area on the PCB must be
attached to these fused pins.
As an example, the patented thermal coastline lead frame design
of the ADP3334 uniformly minimizes the value of the dominant
portion of the thermal resistance. It ensures that heat is con-
ducted away by all pins of the package. This yields a very low
86.6°C/W thermal resistance for the SOIC-8 package, without
any special board layout requirements, relying only on the normal
traces connected to the leads. This yields a 15% improvement in
heat dissipation capability as compared to a standard SOIC-8
package. The thermal resistance can be decreased by an addi-
tional 10% by attaching a few square centimeters of copper area
to the IN or OUT pins of the ADP3334 package.
It is not recommended to use solder mask or silkscreen on the
PCB traces adjacent to the ADP3334’s pins since it will increase
the junction-to-ambient thermal resistance of the package.
0.50
2x VIAS, 0.250
35µm PLATING
3.36
0.90
1.80
2.36
1.90
1.40
0.30
0.73
Figure 6. 3 mm x 3 mm LFCSP Pad Pattern
(Dimensions shown in millimeters)
LFCSP Layout Considerations
The LFCSP package has an exposed die paddle on the bottom,
which efficiently conducts heat to the PCB. In order to achieve
the optimum performance from the LFCSP package, special
consideration must be given to the layout of the PCB. Use the
following layout guidelines for the LFCSP package.
1. The pad pattern is given in Figure 6. The pad dimension
should be followed closely for reliable solder joints while
maintaining reasonable clearances to prevent solder bridging.
2. The thermal pad of the LFCSP package provides a low ther-
mal impedance path (approximately 20°C/W) to the PCB.
Therefore the PCB must be properly designed to effectively
conduct the heat away from the package. This is achieved by
adding thermal vias to the PCB, which provide a thermal
path to the inner or bottom layers. See Figure 5 for the rec-
ommended via pattern. Note that the via diameter is small to
prevent the solder from flowing through the via and leaving
voids in the thermal pad solder joint.
Note that the thermal pad is attached to the die substrate, so
the thermal planes that the vias attach the package to must
be electrically isolated or connected to VIN. Do NOT con-
nect the thermal pad to ground.
C


Số phần tương tự - ADP3334_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3334ACP AD-ADP3334ACP Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3334AR AD-ADP3334AR Datasheet
230Kb / 8P
   High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3334AR AD-ADP3334AR Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3334ARM AD-ADP3334ARM Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
   High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
More results

Mô tả tương tự - ADP3334_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
   Adjustable Low Dropout Regulator
logo
Analog Devices
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
   Adjustable Low Dropout Regulator
REV. A
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com