công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3334 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADP3334
Giải thích chi tiết về linh kiện  Adjustable Low Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3334 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADP3334_15 Datasheet HTML 3Page - Analog Devices ADP3334_15 Datasheet HTML 4Page - Analog Devices ADP3334_15 Datasheet HTML 5Page - Analog Devices ADP3334_15 Datasheet HTML 6Page - Analog Devices ADP3334_15 Datasheet HTML 7Page - Analog Devices ADP3334_15 Datasheet HTML 8Page - Analog Devices ADP3334_15 Datasheet HTML 9Page - Analog Devices ADP3334_15 Datasheet HTML 10Page - Analog Devices ADP3334_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REV.
ADP3334
–7–
To have the lowest possible sensitivity of the output voltage to
temperature variations, it is important that the value of the parallel
resistance of R1 and R2 be kept as close as possible to 50 k
W.
RR
RR
k
12
12
50
¥
+
=W
(1)
Also, for the best accuracy over temperature, the feedback volt-
age should be set for 1.178 V:
VV
R
RR
FB
OUT
+
Ê
ËÁ
ˆ
¯˜
2
12
(2)
where VOUT is the desired output voltage and VFB is the virtual
band gap voltage. Note that VFB does not actually appear at the
FB pin due to loading by the internal PTAT current.
Combining the above equations and solving for R1 and R2 gives
the following formulas:
Rk
V
V
OUT
FB
150
=¥ Ê
ËÁ
ˆ
¯˜
W
(3)
R
k
V
V
FB
OUT
2
50
1
=
-
Ê
ËÁ
ˆ
¯˜
W
(4)
Table I. Feedback Resistor Selection
VOUT (V
) R1 (1% Resistor) (k ) R2 (1% Resistor) (k )
1.5
63.4
232.0
1.8
76.8
147.0
2.2
93.1
107.0
2.7
115.0
88.7
3.3
140.0
78.7
5.0
210.0
64.9
10.0
422.0
56.2
Using standard 1% values, as shown in Table I, will sacrifice
some output voltage accuracy. To estimate the overall output
voltage accuracy, it is necessary to take into account all sources
of error. The accuracy given in the specifications table does not
take into account the error introduced by the feedback resistor
divider ratio or the error introduced by the parallel combination
of the feedback resistors.
The error in the parallel combination of the feedback resistors
causes the reference to have a wider variation over temperature.
To estimate the variation, calculate the worst-case error from
50 k
W, and then use the graph in Figure 4 to estimate the
additional change in the output voltage over the operating
temperature range.
For example:
VIN = 5 V
VOUT = 3.3 V
R1 = 140 k
W, 1%
R2 = 78.7 k
W, 1%
Rp ERROR – %
3.0
2.5
2.0
1.5
1.0
0.5
0
02
3
456
Figure 4. Output Voltage Error vs.
Parallel Resistance Error
The actual output voltage can be calculated using the following
equation.
V.
V
R
R
V.
V
OUT
OUT
+
Ê
ËÁ
ˆ
¯˜
=
1 178
1
2
1
3 274
(5)
So worst-case error will occur when R1 has a –1% tolerance and
R2 has a +1% tolerance. Recalculating the output voltage, the
parallel resistance and error are:
V.
V
.
.
V.
V
Resistor Divider Error
.
.
OUT
OUT
+
Ê
ËÁ
ˆ
¯˜
=
=-
Ê
ËÁ
ˆ
¯˜
¥= -
1 178
138 6
79 5
1
3 232
3 232
33
1
100
2 1
%. %
(6)
R
RR
RR
..
..
.
k
R
Error
.
PARALLEL
PARALLEL
=
¥
+
=
¥
+
=
=-
Ê
ËÁ
ˆ
¯˜
¥=
12
12
138 6
79 5
138 6
79 5
50 51
50 51
50
1
100
1 02
W
%.
%
(7)
So, from the graph in Figure 4, the output voltage error is
estimated to be an additional 0.25%. The error budget is
1.8% (the initial output voltage accuracy over temperature),
plus 2.1% (resistor divider error), plus 0.25% (parallel resis-
tance error) for a worst-case total of 4.15%.
Thermal Overload Protection
The ADP3334 is protected against damage from excessive power
dissipation by its thermal overload protection circuit, which limits
the die temperature to a maximum of 165°C. Under extreme
conditions (i.e., high ambient temperature and power dissipation)
where die temperature starts to rise above 165°C, the output
current is reduced until the die temperature has dropped to a safe
level. The output current is restored when the die temperature
is reduced.
C


Số phần tương tự - ADP3334_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3334ACP AD-ADP3334ACP Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3334AR AD-ADP3334AR Datasheet
230Kb / 8P
   High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3334AR AD-ADP3334AR Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3334ARM AD-ADP3334ARM Datasheet
380Kb / 12P
   High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
   High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
More results

Mô tả tương tự - ADP3334_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
   Adjustable Low Dropout Regulator
logo
Analog Devices
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
   Adjustable Low Dropout Regulator
REV. A
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com