công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3331 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADP3331
Giải thích chi tiết về linh kiện  Adjustable Output Ultralow Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3331 bảng dữ liệu(HTML) 8 Page - Analog Devices

  ADP3331_15 Datasheet HTML 1Page - Analog Devices ADP3331_15 Datasheet HTML 2Page - Analog Devices ADP3331_15 Datasheet HTML 3Page - Analog Devices ADP3331_15 Datasheet HTML 4Page - Analog Devices ADP3331_15 Datasheet HTML 5Page - Analog Devices ADP3331_15 Datasheet HTML 6Page - Analog Devices ADP3331_15 Datasheet HTML 7Page - Analog Devices ADP3331_15 Datasheet HTML 8Page - Analog Devices ADP3331_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
REV.
ADP3331
–8–
SILICON DIE
WITH
ELECTRICALLY
ISOLATED
DIE ATTACH
SILICON
DIE
NORMAL SOT-23-6 PACKAGE
THERMALLY ENHANCED
CHIP-ON-LEAD PACKAGE
Figure 4. Chip-on-Lead Package
Calculating Junction Temperature
Device power dissipation is calculated as follows:
PV
V
I
V
I
DIN
OUT
LOAD
IN
GND
=-
()
+
()
(8)
Where ILOAD and IGND are load current and ground current and
VIN and VOUT are the input and output voltages, respectively.
Assuming that the worst case operating conditions are ILOAD =
200 mA, IGND = 4 mA, VIN = 4.2 V, and VOUT = 3.0 V, the
device power dissipation is
PV
V
mA
V
mA
mW
D
=-
()
+
()
=
42
30
200
42
4
257
..
.
(9)
The proprietary package used on the ADP3331 has a thermal
resistance of 165
∞C/W when placed on a 4-layer board and
190
∞C/W when placed on a 2-layer board. This allows the ambient
temperature to be significantly higher for a given power dissipa-
tion than with a standard package. Assuming a 4-layer board, the
junction temperature rise above ambient will be approximately
equal to
D TW
C W
C
A
J
=
0 257
165
42 4
./
.
oo
(10)
To limit the junction temperature to 125
∞C, the maximum
allowable ambient temperature is
TC
C
C
A MAX
()
..
=+
-
=
125
42 4
82 6
oo
o
(11)
Shutdown Mode
Applying a TTL level high signal to the shutdown (
SD) pin, or
tying it to the input pin, will turn the output ON. Pulling the
SD to 0.4 V or below, or tying it to ground, will turn the output
OFF. In shutdown mode, the quiescent current is reduced to
less than 1
mA.
Error Flag Dropout Detector
The ADP3331 will maintain its output voltage over a wide
range of load, input voltage, and temperature conditions. If the
output is about to lose regulation due to the input voltage
approaching the dropout level, the error flag will be activated.
The
ERR output is an open collector, which will be driven low.
Once set, the
ERR flag’s hysteresis will keep the output low until
a small margin of operating range is restored either by raising
the supply voltage or reducing the load.
Low Voltage Applications
In applications where the output voltage is 2.2 V or less, the
ADP3331 may begin to exhibit some turn-on overshoot. The
degree of overshoot is determined by several factors: the output
voltage setting, the output load, the noise reduction capacitor,
and the output capacitor.
The output voltage setting is determined by the application and
cannot be tailored for minimum overshoot. In general, for output
voltages of 2.2 V or less, the overshoot becomes larger as the
output voltage decreases.
The output load is also determined by the system requirements.
However, if the ADP3331 has no load on the output during
startup, a small amount of preload can be added to minimize
overshoot. A preload of 2
mA to 20 mA is recommended.
A noise reduction capacitor, if not already being used, is sug-
gested to reduce the overshoot. Values in the range of 10 pF to
100 pF work best, along with the preload suggested previously.
The output capacitor can be adjusted to minimize the over-
shoot. Values in the 0.47
mF to 1.0 mF range should be used in
conjunction with the preload and noise reduction capacitor.
Further increases in the output capacitance may be acceptable if
the output already has a sizable load during startup.
Higher Output Current
The ADP3331 can source up to 200 mA without any heat sink
or pass transistor. If higher current is needed, an appropriate pass
transistor can be used, as in Figure 5, to increase the output
current to 1 A.
VIN = 3.3V
VOUT = 1.8V @ 1A
MJE253*
C2
10 F
C1
47 F
R1
50
*REQUIRES HEAT SINK
IN
OUT
ERR
GND
SD
ADP3331
FB
340k
698k
Figure 5. High Output Current Linear Regulator
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. PC board traces with larger cross sectional areas will remove
more heat from the ADP3331. For optimum heat transfer,
specify thick copper and use wide traces.
2. The thermal resistance can be decreased by approximately
10% by adding a few square centimeters of copper area to
the lands connected to the pins of the LDO.
3. The feedback pin is a high impedance input, and care should
be taken when making a connection to this pin. The voltage
setting resistors and noise reduction network must be located
as close as possible. Long PC board traces are not recom-
mended. Avoid routing traces near possible noise sources.
B


Số phần tương tự - ADP3331_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3331ART AD-ADP3331ART Datasheet
135Kb / 8P
   Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. 0
ADP3331ART AD-ADP3331ART Datasheet
288Kb / 12P
   Adjustable Output Ultralow IQ, 200 mA,23, anyCAP Low Dropout Regulator
REV. A
ADP3331ART-REEL7 AD-ADP3331ART-REEL7 Datasheet
288Kb / 12P
   Adjustable Output Ultralow IQ, 200 mA,23, anyCAP Low Dropout Regulator
REV. A
More results

Mô tả tương tự - ADP3331_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
logo
Analog Devices
ADP3331ART-REEL7 AD-ADP3331ART-REEL7 Datasheet
288Kb / 12P
   Adjustable Output Ultralow IQ, 200 mA,23, anyCAP Low Dropout Regulator
REV. A
logo
Shenzhen Huazhimei Semi...
HM6213 HMSEMI-HM6213 Datasheet
969Kb / 7P
   Adjustable Output, Ultralow-Noise, High PSRR Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
logo
Analog Devices
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
   Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. 0
logo
ON Semiconductor
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
   Adjustable Low Dropout Regulator
REV. C
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com