công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3309ART-3-REEL7 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADP3309ART-3-REEL7
Giải thích chi tiết về linh kiện  Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3309ART-3-REEL7 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADP3309ART-3-REEL7 Datasheet HTML 4Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 5Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 6Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 7Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 8Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 9Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 10Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 11Page - Analog Devices ADP3309ART-3-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADP3309
Rev. C | Page 11 of 12
APPLICATION CIRCUITS
CROSSOVER SWITCH
The circuit in Figure 23 shows that two ADP3309s can be used
to form a mixed supply voltage system. The output switches
between two different levels selected by an external digital
input. Output voltages can be any combination of voltages from
the Ordering Guide of the data sheet.
+
+
ADP3309-2.7
ADP3309-3.3
IN
OUT
SD
IN
OUT
SD
GND
GND
VIN = 4V TO 12V
4V
0V
OUTPUT SELECT
C1
1µF
C2
0.47µF
VOUT = 2.7V/3.3V
Figure 23. Crossover Switch
HIGHER OUTPUT CURRENT
The ADP3309 can source up to 100 mA without any heat sink
or pass transistor. If higher current is needed, an appropriate
pass transistor can be used, as in Figure 24, to increase the
output current to 1 A.
+
ADP3309-3.3
IN
OUT
SD
GND
VIN = 4V TO 8V
C1
47µF
C2
10µF
VOUT = 3.3V @ 1A
ERR
R1
50Ω
MJE253*
*AAVID531002 HEAT SINK IS USED
Figure 24. Higher Output Current Linear Regulator
CONSTANT DROPOUT POST REGULATOR
The circuit in Figure 25 provides high precision with low
dropout for any regulated output voltage. It significantly
reduces the ripple from a switching regulator while providing a
constant dropout voltage, which limits the power dissipation of
the LDO to 30 mW. The ADP3000 used in this circuit is a
switching regulator in the step-up configuration.
+
ADP3309-3.3
IN
OUT
SD
GND
VIN = 2.5V TO 3.5V
C3
2.2µF
VOUT = 3.3V @ 100mA
R1
120Ω
C1
100µF
10V
L1
6.8µF
D1
1N5817
ADP3000-ADJ
ILIM
VIN
SW1
FB
SW2
GND
C2
100µF
10V
Q1
2N3906
R2
30.1kΩ
1%
R3
124kΩ
1%
Q2
2N3906
R4
274kΩ
Figure 25. Constant Dropout Post Regulator


Số phần tương tự - ADP3309ART-3-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3309ART-3-REEL7 AD-ADP3309ART-3-REEL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-3-REEL7 AD-ADP3309ART-3-REEL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-3-REEL7 AD-ADP3309ART-3-REEL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results

Mô tả tương tự - ADP3309ART-3-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com