công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP3309ART-2.5-RL7 bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
ADP3309ART-2.5-RL7 bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 12 page anyCAP® 100 mA Low Dropout Linear Regulator ADP3309 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006 Analog Devices, Inc. All rights reserved. FEATURES ±1.2% accuracy over line and load regulations @ 25°C Ultralow dropout voltage: 120 mV typical @ 100 mA Requires only COUT = 0.47 μF for stability anyCAP LDOs are stable with all types of capacitors (including MLCC) Current and thermal limiting Low noise Low shutdown current: 1 μA 2.8 V to 12 V supply range −20°C to +85°C ambient temperature range Several fixed voltage options Ultrasmall 5-lead SOT-23 package Excellent line and load regulations APPLICATIONS Cellular telephones Notebook, palmtop computers Battery-powered systems PCMCIA regulator Bar code scanners Camcorders, cameras FUNCTIONAL BLOCK DIAGRAM Q1 Q2 THERMAL PROTECTION DRIVER ADP3309 gm CC BANDGAP REF GND R1 R2 OUT IN ERR/NC SD Figure 1. GENERAL DESCRIPTION The ADP3309 is a member of the ADP330x family of precision low dropout anyCAP voltage regulators. It is pin-for-pin and functionally compatible with National’s LP2981, but offers performance advantages. The ADP3309 stands out from conventional LDOs with a novel architecture and an enhanced process. Its patented design requires only a 0.47 μF output capacitor for stability. This device is stable with any type of capacitor regardless of its equivalent series resistance (ESR) value, including ceramic types for space restricted applications. The ADP3309 achieves ±1.2% accuracy at room temperature and ±2.2% overall accuracy over temperature, line, and load regulations. The dropout voltage of the ADP3309 is only 120 mV (typical) at 100 mA. This device also includes a current limit and a shutdown feature. In shutdown mode, the ground current is reduced to ~1 μA. The ADP3309 operates with a wide input voltage range from 2.8 V to 12 V and delivers a load current in excess of 100 mA. The ADP3309 anyCAP LDO offers a wide range of output voltages. + – + – ADP3309-3.3 IN OUT GND ERR/NC SD ON OFF C2 0.47µF C1 0.47µF VIN VOUT = 3.3V 4 5 3 2 1 Figure 2. Typical Application Circuit |
Số phần tương tự - ADP3309ART-2.5-RL7 |
|
Mô tả tương tự - ADP3309ART-2.5-RL7 |