công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP3303ARZ-5-REEL bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
ADP3303ARZ-5-REEL bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 16 page ADP3303 Data Sheet ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Input Supply Voltage –0.3 V to +16 V Shutdown Input Voltage –0.3 V to +16 V Error Flag Output Voltage –0.3 V to +16 V Noise Bypass Pin Voltage –0.3 V to +5 V Power Dissipation Internally Limited Operating Ambient Temperature Range −25°C to +85°C Operating Junction Temperature Range −25°C to +125°C Storage Temperature Range −65°C to +150°C Lead Temperature Range (Soldering 10 sec) +300°C Vapor Phase (60 sec) +215°C Infrared (15 sec) +220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE Table 4. Thermal Resistance Package Type θJA θJC Unit 8-Lead SOIC_N 96 55 °C/W ESD CAUTION Rev. C | Page 4 of 16 |
Số phần tương tự - ADP3303ARZ-5-REEL |
|
Mô tả tương tự - ADP3303ARZ-5-REEL |