công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3303ARZ-5 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADP3303ARZ-5
Giải thích chi tiết về linh kiện  200 mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3303ARZ-5 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADP3303ARZ-5 Datasheet HTML 1Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 2Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 3Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 4Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 5Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 6Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 7Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 8Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADP3303
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
OUT
Output of the Regulator. Bypass to ground with a 0.47 µF or larger capacitor. Pin 1 and Pin 2 must be connected
together for proper operation.
3
NR
Noise Reduction Pin. Used for reduction of the output noise. See the Noise Reduction section for details. No
connection if not used.
4
GND
Ground Pin.
5
SD
Active Low Shutdown Pin. Connect to ground to disable the regulator output. When shutdown is not used,
connect this pin to the input pin.
6
ERR
Open Collector Output. Goes low to indicate that the output is about to go out of regulation.
7, 8
IN
Regulator Input. Pin 7 and Pin 8 must be connected together for proper operation.
Table 6. Other Members of anyCAP Family1
Model
Output Current
Package Options2
Comments
ADP3300
50 mA
6-Lead SOT-23
High accuracy
ADP3301
100 mA
8-Lead SOIC_N
High accuracy
ADP3309
100 mA
5-Lead SOT-23
Improved MIC5205
1
See individual data sheets for detailed ordering information.
2
SOIC_N = small outline, SOT = surface mount.
OUT
1
OUT
2
NR
3
GND
4
IN
8
IN
7
ERR
6
SD
5
ADP3303
TOP VIEW
(Not to Scale)
Rev. C | Page 5 of 16


Số phần tương tự - ADP3303ARZ-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Mô tả tương tự - ADP3303ARZ-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com