công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3303ARZ-3.3 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADP3303ARZ-3.3
Giải thích chi tiết về linh kiện  200 mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3303ARZ-3.3 bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADP3303ARZ-3.3 Datasheet HTML 1Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 2Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 3Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 4Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 5Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 6Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 7Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 8Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP3303
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 9
Application Information................................................................ 10
Capacitor Selection .................................................................... 10
Noise Reduction ......................................................................... 10
Thermal Overload Protection .................................................. 10
Calculating Junction Temperature........................................... 10
Printed Circuit Board Layout Consideration ......................... 10
Error Flag Dropout Detector.................................................... 11
Shutdown Mode ......................................................................... 11
Application Circuits ....................................................................... 12
Crossover Switch ........................................................................ 12
Higher Output Current ............................................................. 12
Constant Dropout Post Regulator............................................ 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
3/14—Rev. B to Rev. C
Changed SO-8 Package Notation to SOIC_N ........... Throughout
Changes to General Description, Added Table 1; Renumbered
Sequentially ....................................................................................... 1
Changed Figure 1 to Figure 1 and Figure 2; Renumbered
Sequentially ....................................................................................... 1
Changes to Table 6............................................................................ 5
Changes to Ordering Guide ............................................................ 9
11/11—Rev. A to Rev. B
Changed TA = −20°C to +85°C to TA = −25°C to +85°C .............2
Changed Operating Ambient Temperature Range from −20°C
to +85°C to −25°C to +85°C ............................................................3
Changed Operating Junction Temperature Range from −20°C
to +85°C to −25°C to +125°C ..........................................................3
Updated Outline Dimensions..........................................................9
Changes to Ordering Guide.............................................................9
Rev. C | Page 2 of 16


Số phần tương tự - ADP3303ARZ-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3303ARZ-3.3 AD-ADP3303ARZ-3.3 Datasheet
760Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
More results

Mô tả tương tự - ADP3303ARZ-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com