công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3302 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADP3302
Giải thích chi tiết về linh kiện  High Precision anyCAP Dual Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3302 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADP3302_15 Datasheet HTML 1Page - Analog Devices ADP3302_15 Datasheet HTML 2Page - Analog Devices ADP3302_15 Datasheet HTML 3Page - Analog Devices ADP3302_15 Datasheet HTML 4Page - Analog Devices ADP3302_15 Datasheet HTML 5Page - Analog Devices ADP3302_15 Datasheet HTML 6Page - Analog Devices ADP3302_15 Datasheet HTML 7Page - Analog Devices ADP3302_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
–4–
REV. 0
ADP3302
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3302 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Please note: Pins 5 and 8 should be connected exter-
nally for proper operation.
Shutdown Input Voltage . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Error Flag Output Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . –55
°C to +125°C
Operating Junction Temperature Range . . . . –55
°C to +125°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
°C/W
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*This is a stress rating only; functional operation of the device at these or any other
conditions above those indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
ORDERING GUIDE
Voltage
Package
Model
Outputs
Option*
ADP3302AR1
OUT 1
3.0 V
SO-8
OUT 2
3.0 V
SO-8
ADP3302AR2
OUT 1
3.2 V
SO-8
OUT 2
3.2 V
SO-8
ADP3302AR3
OUT 1
3.3 V
SO-8
OUT 2
3.3 V
SO-8
ADP3302AR4
OUT 1
3.3 V
SO-8
OUT 2
5.0 V
SO-8
ADP3302AR5
OUT 1
5.0 V
SO-8
OUT 2
5.0 V
SO-8
NOTES
*SO = Small Outline Package.
Contact factory for availability of customized options available with mixed
output voltages.
PIN FUNCTION DESCRIPTIONS
Pin
Name
Function
1
OUT1
Output of Regulator 1, fixed 3.0 V, 3.2 V,
3.3 V or 5 V output voltage. Sources up to
200 mA. Bypass to ground with a 0.47
µF
capacitor.
2
ERR
Open Collector Output. Active low indicates
that one of the two outputs is about to go out
of regulation.
3
GND
Ground Pin.
4
OUT2
Output Regulator 2. Independent of Regula-
tor 1. Fixed 3.0 V, 3.2 V, 3.3 V or 5 V output
voltage. Bypass to ground with a 0.47 F
capacitor.
5, 8
IN
Regulator Input. Supply voltage can range
from
3.0 V to
12 V. Pins 5 and 8 must be
connected together for proper operation.
6
SD2
Active Low Shutdown Pin for Regulator 2.
Connect to ground to disable the Out 2 out-
put. When shutdown is not used, this pin
should be connected to the input pin.
7
SD1
Shutdown Pin for Regulator 1, otherwise
identical to SD2.
PIN CONFIGURATION
IN
SD1
SD2
IN
OUT 1
ERR
GND
OUT 2
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP3302


Số phần tương tự - ADP3302_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3302AR1 AD-ADP3302AR1 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302AR2 AD-ADP3302AR2 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302AR3 AD-ADP3302AR3 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302AR4 AD-ADP3302AR4 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302AR5 AD-ADP3302AR5 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
More results

Mô tả tương tự - ADP3302_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3309ART-3.6-RL AD-ADP3309ART-3.6-RL Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3308ART-27 AD-ADP3308ART-27 Datasheet
118Kb / 8P
   anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3309 AD-ADP3309 Datasheet
120Kb / 8P
   anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
   anyCAP??50 mA Low Dropout Linear Regulator
REV. A
ADP3309ART-25 AD-ADP3309ART-25 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-2.5-REEL7 AD-ADP3309ART-2.5-REEL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com