công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM6322CW50ARJRL7 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADM6322CW50ARJRL7
Giải thích chi tiết về linh kiện  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM6322CW50ARJRL7 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADM6322CW50ARJRL7 Datasheet HTML 1Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 2Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 3Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 4Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 5Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 6Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 7Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 8Page - Analog Devices ADM6322CW50ARJRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 3 of 16
SPECIFICATIONS
VCC = full operating range, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
1
5.5
V
Supply Current
10
20
µA
VCC = 5.5 V
5
12
µA
VCC = 3.6 V
RESET THRESHOLD VOLTAGE
VTH − 1.5%
VTH
VTH + 1.5%
V
TA = 25°C
VTH − 2.5%
VTH
VTH + 2.5%
V
TA = −40°C to +85°C
RESET THRESHOLD TEMPERATURE
COEFFICIENT
40
ppm/°C
RESET THRESHOLD HYSTERESIS
3
mV
RESET TIMEOUT PERIOD
ADM63xxA
1
1.4
2
ms
ADM63xxB
20
28
40
ms
ADM63xxC
140
200
280
ms
ADM63xxD
1120
1600
2240
ms
VCC TO RESET DELAY
40
µs
VCC falling at 1 mV/µs
PUSH-PULL OUTPUT (ADM6316, ADM6317,
ADM6318, ADM6319, ADM6321, ADM6322)
RESET Output Voltage
0.3
V
VCC
≥ 1.0 V, ISINK = 50 µA
0.3
V
VCC
≥ 1.2 V, ISINK = 100 µA
0.3
V
VCC ≥ 2.7 V, ISINK = 1.2 mA
0.4
V
VCC ≥ 4.5 V, ISINK = 3.2 mA
0.8 × VCC
V
VCC ≥ 2.7 V, ISOURCE = 500 µA
VCC − 1.5
V
VCC ≥ 4.5 V, ISOURCE = 800 µA
RESET Rise Time
5
25
ns
From 10% to 90% VCC, CL = 5 pF,
VCC = 3.3 V
RESET Output Voltage
0.3
V
VCC ≥ 2.7 V, ISINK = 1.2 mA
0.4
V
VCC ≥ 4.5 V, ISINK = 3.2 mA
0.8 × VCC
V
VCC ≥ 1.8 V, ISOURCE = 150 µA
0.8 × VCC
V
VCC ≥ 2.7 V, ISOURCE = 500 µA
VCC − 1.5
V
VCC ≥ 4.5 V, ISOURCE = 800 µA
OPEN-DRAIN OUTPUT (ADM6320, ADM6321,
ADM6322)
RESET Output Voltage
0.3
V
VCC ≥ 1.0 V, ISINK = 50 µA
0.3
V
VCC ≥ 1.2 V, ISINK = 100 µA
0.3
V
VCC ≥ 2.7 V, ISINK = 1.2 mA
0.4
V
VCC ≥ 4.5 V, ISINK = 3.2 mA
Open-Drain Reset Output Leakage Current
1
µA
WATCHDOG INPUT (ADM6316, ADM6317,
ADM6318, ADM6320, ADM6321)
Watchdog Timeout Period
ADM63xxxW
4.3
6.3
9.3
ms
ADM63xxxX
71
102
153
ms
ADM63xxxY
1.12
1.6
2.4
sec
ADM63xxxZ
17.9
25.6
38.4
sec
WDI Pulse Width
50
ns
VIL = 0.3 × VCC, VIH = 0.7 × VCC
WDI Input Threshold
0.3 × VCC
0.7 × VCC
V
WDI Input Current
120
160
µA
VWDI = VCC, time average
−20
−15
µA
VWDI = 0, time average


Số phần tương tự - ADM6322CW50ARJRL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM6322C29ARJZ-R7 AD-ADM6322C29ARJZ-R7 Datasheet
372Kb / 14P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. J
ADM6322C29ARJZ-RL7 AD-ADM6322C29ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6322C46-ARJ-RL7 AD-ADM6322C46-ARJ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6322C46-ARJZ-RL7 AD-ADM6322C46-ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6322C46ARJ AD-ADM6322C46ARJ Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
More results

Mô tả tương tự - ADM6322CW50ARJRL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com