công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADMCF326 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADMCF326
Giải thích chi tiết về linh kiện  28-Lead Flash Memory DSP Motor Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADMCF326 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADMCF326_15 Datasheet HTML 3Page - Analog Devices ADMCF326_15 Datasheet HTML 4Page - Analog Devices ADMCF326_15 Datasheet HTML 5Page - Analog Devices ADMCF326_15 Datasheet HTML 6Page - Analog Devices ADMCF326_15 Datasheet HTML 7Page - Analog Devices ADMCF326_15 Datasheet HTML 8Page - Analog Devices ADMCF326_15 Datasheet HTML 9Page - Analog Devices ADMCF326_15 Datasheet HTML 10Page - Analog Devices ADMCF326_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADMCF326
–7–
REV. B
GENERAL DESCRIPTION
The ADMCF326 is a low cost, single-chip DSP-based controller,
suitable for permanent magnet synchronous motors, ac induction
motors, and brushless dc motors. The ADMCF326 integrates a
20 MIPS, fixed-point DSP core with a complete set of motor
control and system peripherals that permits fast, efficient devel-
opment of motor controllers.
The DSP core of the ADMCF326 is the ADSP-2171, which is
completely code-compatible with the ADSP-21xx DSP family
and combines three computational units, data address generators
and a program sequencer. The computational units comprise an
ALU, a multiplier/accumulator (MAC), and a barrel shifter.
The ADSP-2171 adds new instructions for bit manipulation,
multiplication (
× squared), biased rounding, and global inter-
rupt masking.
The system peripherals are the power-on reset circuit (POR),
the watchdog timer and a synchronous serial port. The serial
port is configurable and double buffered, with hardware support
for UART and SCI port emulation.
The ADMCF326 provides 512
× 24-bit program memory RAM,
4K
× 24-bit program memory ROM, 4K × 24-bit program
FLASH memory, and 512
× 16-bit data memory RAM. The
user code will be stored and executed from the flash memory.
The program and data memory RAM can be used for dynamic
data storage or can be loaded through the serial port from an
external device as in other ADMCxxx family parts. The program
memory ROM contains a monitor function as well as useful rou-
tines for erasing, programming, and verifying the flash memory.
The motor control peripherals of the ADMCF326 provide a 12-bit
analog data acquisition system with six analog input channels,
and an internal voltage reference. In addition, a three-phase,
16-bit, center-based PWM generation unit can be used to produce
high accuracy PWM signals with minimal processor overhead.
The ADMCF326 also contains two auxiliary PWM outputs
and nine lines of digital I/O.
Because the ADMCF326 has a limited number of pins, functions
such as the auxiliary PWM and the serial communication port
are multiplexed with the nine programmable input/output (PIO)
pins. The pin functions can be independently selected to allow
maximum flexibility for different applications.
PM ROM
4K
24
PM RAM
512
24
BUS
EXCHANGE
COMPANDING
CIRCUITRY
DATA
ADDRESS
GENERATOR
#2
DATA
ADDRESS
GENERATOR
#1
14
14
24
16
6
DM RAM
512
16
R BUS
16
DMA BUS
PMA BUS
DMD BUS
PMD BUS
INSTRUCTION
REGISTER
INPUT REGS
OUTPUT REGS
SHIFTER
CONTROL
LOGIC
SERIAL
PORT
RECEIVE REG
TRANSMIT REG
TIMER
INPUT REGS
OUTPUT REGS
MAC
INPUT REGS
OUTPUT REGS
ALU
PROGRAM
SEQUENCER
FLASH
PROGRAM
MEMORY
4K
24
Figure 3. DSP Core Block Diagram


Số phần tương tự - ADMCF326_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADMCF326-EVALKIT AD-ADMCF326-EVALKIT Datasheet
242Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BR AD-ADMCF326BR Datasheet
242Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
More results

Mô tả tương tự - ADMCF326_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF327 AD-ADMCF327 Datasheet
253Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF328-EVALKIT AD-ADMCF328-EVALKIT Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
   28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com