công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMCF326 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
ADMCF326 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 36 page ADMCF326 –6– REV. B CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADMCF326 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ABSOLUTE MAXIMUM RATINGS * Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V Flash Memory Erase or Program Temperature Range (Ambient) . . . . . . . . . . . . 0 °C to 85°C Operating Temperature Range (Ambient) . . . –40 °C to +85°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . . 280 °C Storage Temperature Range for SOIC Package . . –65 °C to +150°C Storage Temperature Range for PDIP Package . . –40 °C to +125°C *Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only; functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING GUIDE Temperature Instruction Package Package Model Range Rate Description Option ADMCF326BR –40 °C to +85°C 20 MHz 28-Lead Wide Body (SOIC) SO-28 ADMCF326BN –40 °C to +85°C 20 MHz 28-Lead PDIP N-28 ADMCF326-EVALKIT Development Tool Kit PIN FUNCTION DESCRIPTIONS Pin Pin Pin No. Name Type 1 PIO6/CLKOUT I/O 2 PIO5/RFS1 I/O 3 PIO4/DR1A I/O 4 PIO3/SCLK1 I/O 5 PIO2/DR1B I/O 6 PIO1/DT1 I/O 7 PIO0/TFS1 I/O 8 CLKIN I 9 XTAL O 10 VDD SUP 11 PWMTRIP I 12 V3 I 13 V2 I 14 V1 I 15 VAUX0 I 16 VAUX1 I 17 VAUX2 I 18 ICONST O 19 GND GND 20 RESET I 21 CH O 22 CL O 23 BH O 24 BL O 25 AH O 26 AL O 27 PIO8/AUX0 I/O 28 PIO7/AUX1 I/O PIN CONFIGURATION TOP VIEW (Not to Scale) 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 ADMCF326 PIO6/CLKOUT PIO7/AUX1 PIO5/RFS1 PIO8/AUX0 PIO4/DR1A AL PIO3/SCLK1 AH PIO2/DR1B BL PIO1/DT1 BH PIO0/TFS1 CL CLKIN CH XTAL RESET VDD GND PWMTRIP ICONST V3 VAUX2 V2 VAUX1 V1 VAUX0 |
Số phần tương tự - ADMCF326_15 |
|
Mô tả tương tự - ADMCF326_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |