công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM6322DW25ARJZR7 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADM6322DW25ARJZR7
Giải thích chi tiết về linh kiện  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM6322DW25ARJZR7 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADM6322DW25ARJZR7 Datasheet HTML 1Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 2Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 3Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 4Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 5Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 6Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 7Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 8Page - Analog Devices ADM6322DW25ARJZR7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
RESET (ADM6320, ADM6321, ADM6322)
−0.3 V to +6 V
All Other Pins
−0.3 V to (VCC + 0.3 V)
Output Current (RESET, RESET)
20 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
θJA Thermal Impedance, SOT-23
270°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Số phần tương tự - ADM6322DW25ARJZR7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM6322 AD-ADM6322 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6322 AD-ADM6322 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results

Mô tả tương tự - ADM6322DW25ARJZR7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com