công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1073 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADM1073
Giải thích chi tiết về linh kiện  Full-Feature 48 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1073 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADM1073_15 Datasheet HTML 1Page - Analog Devices ADM1073_15 Datasheet HTML 2Page - Analog Devices ADM1073_15 Datasheet HTML 3Page - Analog Devices ADM1073_15 Datasheet HTML 4Page - Analog Devices ADM1073_15 Datasheet HTML 5Page - Analog Devices ADM1073_15 Datasheet HTML 6Page - Analog Devices ADM1073_15 Datasheet HTML 7Page - Analog Devices ADM1073_15 Datasheet HTML 8Page - Analog Devices ADM1073_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADM1073
Rev. B | Page 3 of 24
GENERAL DESCRIPTION
(continued from Page 1)
Further control of the inrush current is provided by modulating
the width of the pulses, depending on the drain-source voltage
across the FET. This allows maximum charge transfer to the
load capacitance while maintaining the FET in its safe operating
area (SOA).
The default duty cycle of the pulse train is 6%, decreasing to
2.5% with maximum FET drain-source voltage, with a
maximum of seven successive autorestarts. After seven
successive autorestarts, the fault is latched and the part goes into
shutdown, with the result that the external FET is disabled until
the power is reset. The LATCHED output signal indicates when
the seven retries are complete.
Further programmability is offered by allowing alteration of the
default 6% ratio. An extra resistor between the TIMER pin and
VEE allows the ratio of on-time to off-time to be decreased,
while a resistor between TIMER and VIN allows the ratio to be
increased.
The ADM1073 has separate UV and OV pins for undervoltage
and overvoltage detection. The FET is turned off, if a
nontransient voltage less than the undervoltage threshold
(typically −36 V) is detected on the UV pin, or if greater than
the overvoltage threshold (typically −80 V) is detected on the
OV pin. The operating voltage window of the ADM1073 is
programmable via resistor networks on the UV and OV pins.
The hysteresis levels on the undervoltage and overvoltage
detectors can also be altered (see the Undervoltage/Overvoltage
Detection section). The SPLYGD output signal indicates when
the backplane supply is within the externally programmable
operating voltage range.
Other functions include
PWRGD output, which can be used to enable a power
module (the DRAIN pin is monitored to determine when
the load capacitance is fully charged)
SHDN input to manually disable the GATE drive
RESTART input to remotely initiate a 5 second shutdown
The ADM1073 is fabricated using BiCMOS technology for
minimal power consumption and is available in a 14-lead
TSSOP package.


Số phần tương tự - ADM1073_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1073ARU AD-ADM1073ARU Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARU-REEL AD-ADM1073ARU-REEL Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARU-REEL7 AD-ADM1073ARU-REEL7 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
More results

Mô tả tương tự - ADM1073_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com