công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1064 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADM1064
Giải thích chi tiết về linh kiện  Super Sequencer with Voltage Readback ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1064 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADM1064_15 Datasheet HTML 3Page - Analog Devices ADM1064_15 Datasheet HTML 4Page - Analog Devices ADM1064_15 Datasheet HTML 5Page - Analog Devices ADM1064_15 Datasheet HTML 6Page - Analog Devices ADM1064_15 Datasheet HTML 7Page - Analog Devices ADM1064_15 Datasheet HTML 8Page - Analog Devices ADM1064_15 Datasheet HTML 9Page - Analog Devices ADM1064_15 Datasheet HTML 10Page - Analog Devices ADM1064_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADM1064
Rev. D | Page 7 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. THE LFCSP HAS AN EXPOSED PAD ON THE BOTTOM.
THIS PAD IS A NO CONNECT (NC). IF POSSIBLE, THIS
PAD SHOULD BE SOLDERED TO THE BOARD FOR
IMPROVED MECHANICAL STABILITY.
ADM1064
TOP VIEW
(Not to Scale)
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
VX1 1
VX2 2
VX3 3
VX4 4
VX5 5
VP1 6
VP2 7
VP3 8
VP4 9
VH 10
PDO1
30
PDO2
29
PDO3
28
PDO4
27
PDO5
26
PDO6
25
PDO7
24
PDO8
23
PDO9
22
PDO10
21
PIN 1
INDICATOR
NC = NO CONNECT
48
38
46
39
45 44
47
43 42
37
41 40
Figure 3. LFCSP Pin Configuration
13 14 15 16 17 18 19 20 21 22 23 24
NC 1
NC
36
VX1 2
VX2 3
VX3 4
VX4 5
VX5 6
VP1 7
VP2 8
VP3 9
VP4 10
VH 11
NC 12
PDO1
35
PDO2
34
PDO3
33
PDO4
32
PDO5
31
PDO6
30
PDO7
29
PDO8
28
PDO9
27
PDO10
26
NC
25
ADM1064
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. TQFP Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
LFCSP1
Mnemonic
TQFP
Description
15 to
20
1, 12, 13,
18 to 25,
36, 37, 48
NC
No Connection.
1 to 5
2 to 6
VX1 to VX5
(VXx)
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to
1.375 V. Alternatively, these pins can be used as general-purpose digital inputs.
6 to 9
7 to 10
VP1 to VP4
(VPx)
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the input
attenuation on a potential divider connected to these pins, the output of which connects to a
supply fault detector. These pins allow thresholds from 2.5 V to 6.0 V, from 1.25 V to 3.00 V, and
from 0.573 V to 1.375 V.
10
11
VH
High Voltage Input to Supply Fault Detectors. Two input ranges can be set by altering the input
attenuation on a potential divider connected to this pin, the output of which connects to a supply
fault detector. This pin allows thresholds from 6.0 V to 14.4 V and from 2.5 V to 6.0 V.
11
14
AGND2
Ground Return for Input Attenuators.
12
15
REFGND
Ground Return for On-Chip Reference Circuits.
13
16
REFIN
Reference Input for ADC. Nominally, 2.048 V. This pin must be driven by a reference voltage.
The on-board reference can be used by connecting the REFOUT pin to the REFIN pin.
14
17
REFOUT2
Reference Output, 2.048 V. Typically connected to REFIN. Note that the capacitor must be
connected between this pin and REFGND. A 10 μF capacitor is recommended for this purpose.
21 to
30
26 to 35
PDO10 to
PDO1
Programmable Output Drivers.
31
38
PDOGND2
Ground Return for Output Drivers.
32
39
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between this pin
and GND. A 10 μF capacitor is recommended for this purpose.
33
40
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
34
41
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
35
42
SCL
SMBus Clock Pin. Bidirectional open drain requires external resistive pull-up.
36
43
SDA
SMBus Data Pin. Bidirectional open drain requires external resistive pull-up.
37
44
AUX2
Auxiliary, Single-Ended ADC Input.


Số phần tương tự - ADM1064_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1064ACP AD-ADM1064ACP Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ACP-REEL AD-ADM1064ACP-REEL Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ACP-REEL7 AD-ADM1064ACP-REEL7 Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ASU AD-ADM1064ASU Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1064ASU-REEL AD-ADM1064ASU-REEL Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
More results

Mô tả tương tự - ADM1064_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1064 AD-ADM1064 Datasheet
534Kb / 32P
   Super Sequencer with Voltage Readback ADC
REV. 0
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com