công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1062 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADM1062
Giải thích chi tiết về linh kiện  Super Sequencer with Margining Control and Temperature Monitoring
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1062 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADM1062_15 Datasheet HTML 1Page - Analog Devices ADM1062_15 Datasheet HTML 2Page - Analog Devices ADM1062_15 Datasheet HTML 3Page - Analog Devices ADM1062_15 Datasheet HTML 4Page - Analog Devices ADM1062_15 Datasheet HTML 5Page - Analog Devices ADM1062_15 Datasheet HTML 6Page - Analog Devices ADM1062_15 Datasheet HTML 7Page - Analog Devices ADM1062_15 Datasheet HTML 8Page - Analog Devices ADM1062_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADM1062
Rev. C | Page 4 of 36
Supply margining can be performed with a minimum of external
components. The margining loop can be used for in-circuit
testing of a board during production (for example, to verify
board functionality at −5% of nominal supplies), or it can be
used dynamically to accurately control the output voltage of
a dc-to-dc converter.
The device also provides up to 10 programmable inputs for
monitoring undervoltage faults, overvoltage faults, or out-of-
window faults on up to 10 supplies. In addition, 10 programmable
outputs can be used as logic enables. Six of these programmable
outputs can also provide up to a 12 V output for driving the gate
of an N-FET that can be placed in the path of a supply.
Temperature measurement is possible with the ADM1062. The
device contains one internal temperature sensor and a differen-
tial input for a remote thermal diode. Both are measured by the
12-bit ADC.
The logical core of the device is a sequencing engine. This state-
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs,
based on the condition of the inputs.
The ADM1062 is controlled via configuration data that can be
programmed into an EEPROM. The entire configuration can
be programmed using an intuitive GUI-based software package
provided by Analog Devices, Inc.
DETAILED BLOCK DIAGRAM
GPI SIGNAL
CONDITIONING
SFD
GPI SIGNAL
CONDITIONING
SFD
SFD
SFD
SELECTABLE
ATTENUATOR
SELECTABLE
ATTENUATOR
DEVICE
CONTROLLER
OSC
EEPROM
SDA SCL A1
A0
SMBus
INTERFACE
REFOUT
REFIN
REFGND
VREF
12-BIT
SAR ADC
ADM1062
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO1
PDO2
PDOGND
PDO3
DAC1
VOUT
DAC
DAC6
VOUT
DAC
VCCP
GND
DAC2 DAC3 DAC4 DAC5
PDO4
PDO5
PDO8
PDO9
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO6
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO7
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO10
SEQUENCING
ENGINE
VX2
VX3
VX4
VP2
VP3
VP4
VH
VP1
VX1
AGND
VX5
VDDCAP
VDD
ARBITRATOR
REG 5.25V
CHARGE PUMP
DN
DP
TEMP
SENSOR
INTERNAL
DIODE
Figure 2.


Số phần tương tự - ADM1062_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1062ACP AD-ADM1062ACP Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1062ACPZ AD-ADM1062ACPZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ASU AD-ADM1062ASU Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1062ASUZ AD-ADM1062ASUZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results

Mô tả tương tự - ADM1062_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com