công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM809-5S bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADM809-5S
Giải thích chi tiết về linh kiện  Microprocessor Supervisory Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM809-5S bảng dữ liệu(HTML) 7 Page - Analog Devices

  ADM809-5S_15 Datasheet HTML 1Page - Analog Devices ADM809-5S_15 Datasheet HTML 2Page - Analog Devices ADM809-5S_15 Datasheet HTML 3Page - Analog Devices ADM809-5S_15 Datasheet HTML 4Page - Analog Devices ADM809-5S_15 Datasheet HTML 5Page - Analog Devices ADM809-5S_15 Datasheet HTML 6Page - Analog Devices ADM809-5S_15 Datasheet HTML 7Page - Analog Devices ADM809-5S_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADM809-5L/ADM809-5S
Rev. B | Page 7 of
8
THEORY OF OPERATION
INTERFACING TO OUTPUT OF OTHER DEVICES
The ADM809-5L/ADM809-5S are designed to integrate with as
many devices as possible and, therefore, have an output dependent
on VCC. Because of this design approach, interfacing these devices
to other devices is simplified.
ENSURING A VALID RESET OUTPUT DOWN TO
VCC = 0 V
When VCC falls below 0.8 V, the ADM809-5L/ADM809-5S
RESET no longer sinks current. A high impedance CMOS logic
input connected to RESET may, therefore, drift to undetermined
logic levels. To eliminate this problem, a 100 kΩ resistor should
be connected from RESET to ground.
GND
100kΩ
ADM809-5L/
ADM809-5S
VCC
VCC
RESET
Figure 10. Ensuring a Valid RESET Output Down to VCC = 0 V
BENEFITS OF A VERY ACCURATE RESET THRESHOLD
In other microprocessor supervisory circuits, tolerances in supply
voltages lead to an overall increase in RESET tolerance levels
due to the deterioration of the RESET circuit power supply of
the microprocessor. The possibility of a malfunction during
a power failure is greatly reduced because the ADM809-5L/
ADM809-5S can operate effectively even when there are large
degradations of the supply voltages. Another advantage of the
ADM809-5L/ADM809-5S series is its very accurate internal
voltage reference circuit. These benefits combine to produce
an exceptionally reliable voltage monitor circuit.
INTERFACING TO MICROPROCESSORS WITH
MULTIPLE INTERRUPTS
In a number of cases, it is necessary to interface to many
interrupts from different devices (for example, from thermal,
attitude, and velocity sensors). The ADM809-5L/ADM809-5S
can be easily integrated into existing interrupt-handling circuits
(see Figure 13) or used as standalone devices.
4-LINE BCD TO
MICROPROCESSOR
ADM809
GND
VCC
VCC
RESET
OTHER SENSING
DEVICES
PRIORITY ENCODER
74LS147
Figure 11. Interfacing to Microprocessors with Multiple Interrupts
ADM809-5L/
ADM809-5S
VCC
100nF
3.3V
RESET
GND
2
1
3
47kΩ
47kΩ
Figure 12. Alternative Application Circuit with Extra Decoupling
ADM809-5L/
ADM809-5S
VCC
100nF
3.3V
RESET
GND
2
1
3
22kΩ
Figure 13. Additional Decoupling Can Be Achieved Using a 100 nF Capacitor
Between VCC and Ground


Số phần tương tự - ADM809-5S_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM809-5SART AD-ADM809-5SART Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5SART-REEL AD-ADM809-5SART-REEL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5SART-REEL-7 AD-ADM809-5SART-REEL-7 Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5SCHIPS AD-ADM809-5SCHIPS Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
More results

Mô tả tương tự - ADM809-5S_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com