công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM699 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADM699
Giải thích chi tiết về linh kiện  Microprocessor Supervisory Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM699 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADM699_15 Datasheet HTML 1Page - Analog Devices ADM699_15 Datasheet HTML 2Page - Analog Devices ADM699_15 Datasheet HTML 3Page - Analog Devices ADM699_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Microprocessor
Supervisory Circuits
ADM698/ADM699
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
RESET
GENERATOR
4.65V
VCC
WATCHDOG
INPUT
WDI
*
ADM698/
ADM699
RESET
WATCHDOG
OUTPUT WDO
*
RESET
*
*WDI (ADM699 ONLY)
RESET (SOIC ONLY)
WDO (ADM699 SOIC ONLY)
WATCHDOG
TRANSITION DETECTOR
(1 sec)
TYPICAL APPLICATION CIRCUIT
*ADM699 ONLY
+5V
VCC
WDI
*
GND
ADM698/
ADM699
RESET
µP POWER
µP SYSTEM
I/O LINE
µP RESET
FEATURES
Superior Upgrade for MAX698/MAX699
Guaranteed RESET Assertion with VCC = 1 V
Low 0.6 mA Supply Current
Precision 4.65 V Voltage Monitor
Power OK/Reset Time Delay
Watchdog Timer
Minimum Component Count
Performance Specified over Temperature
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical
P Power Monitoring
GENERAL DESCRIPTION
The ADM698/ADM699 supervisory circuits provide power
supply monitoring and watchdog timing for microprocessor
systems.
The ADM698 monitors the 5 V VCC power supply and gener-
ates a RESET pulse during power up, power down and during
low voltage “Brown Out” conditions. The RESET output is
guaranteed to be functional (logic low) with VCC as low as 1 V.
The ADM699 features an identical monitoring circuit as in the
ADM698 plus an additional watchdog timer input to monitor
microprocessor activity. The RESET output is forced low if the
watchdog input is not toggled within the 1 second watchdog
timeout period.
Both parts are available in 8-pin plastic DIP and 16-lead SOIC
packages. The 16-lead SOIC contains additional outputs
RESET
(without inversion) and Watchdog Output WDO
(ADM699 only).


Số phần tương tự - ADM699_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ADM6992C INFINEON-ADM6992C Datasheet
5Mb / 82P
   Two Port Bridge Fiber to Fast Ethernet Converter
Data Sheet, Rev. 1.02, Nov. 2005
ADM6992CX INFINEON-ADM6992CX Datasheet
5Mb / 82P
   Two Port Bridge Fiber to Fast Ethernet Converter
Data Sheet, Rev. 1.02, Nov. 2005
ADM6992F INFINEON-ADM6992F Datasheet
3Mb / 82P
   Fiber to Fast Ethernet Converter
Rev. 1.02, Nov. 2005
ADM6992FX INFINEON-ADM6992FX Datasheet
3Mb / 82P
   Fiber to Fast Ethernet Converter
Rev. 1.02, Nov. 2005
ADM6993X-AD-T-1 INFINEON-ADM6993X-AD-T-1 Datasheet
5Mb / 77P
   ADM6993/X HDLC to Fast Ethernet Converter
Rev 1.11, Nov. 2005
More results

Mô tả tương tự - ADM699_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com