công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3304 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADG3304
Giải thích chi tiết về linh kiện  Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3304 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADG3304_15 Datasheet HTML 3Page - Analog Devices ADG3304_15 Datasheet HTML 4Page - Analog Devices ADG3304_15 Datasheet HTML 5Page - Analog Devices ADG3304_15 Datasheet HTML 6Page - Analog Devices ADG3304_15 Datasheet HTML 7Page - Analog Devices ADG3304_15 Datasheet HTML 8Page - Analog Devices ADG3304_15 Datasheet HTML 9Page - Analog Devices ADG3304_15 Datasheet HTML 10Page - Analog Devices ADG3304_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADG3304
Rev. D | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
NC = NO CONNECT
A1
A2
A3
GND
NC
A4
VCCA
14
13
12
11
10
9
8
Y1
Y2
Y3
EN
NC
Y4
VCCY
TOP VIEW
(Not to Scale)
ADG3304
BALL A1
INDICATOR
TOP VIEW
(BALLS AT THE BOTTOM)
Not to Scale
Y1
VCCY
Y2
Y3
Y4
GND
A1
A2
A3
A4
VCCA
EN
1
2
3
A
B
C
D
PIN 1
INDICATOR
NC = NO CONNECT
1
NC
2
A2
3
A3
4
A4
5
NC
13 Y3
14 Y2
15 NC
12 Y4
11 NC
TOP VIEW
(Not to Scale)
ADG3304
NOTES
1. THE EXPOSED PADDLE CAN BE TIED TO GND
OR LEFT FLOATING. DO NOT TIE IT TO VCCA or VCCY.
Figure 2. 14-Lead TSSOP
Pin Configuration
Figure 3. 12-Ball WLCSP
Pin Configuration
Figure 4. 20-Lead LFCSP_VQ
Pin Configuration
Table 3. 14-Lead TSSOP and 20-lead LFCSP Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
VCCA
Power Supply Voltage Input for the A1 to A4 I/O Pins (1.15 V ≤ VCCA ≤ VCCY).
2
20
A1
Input/Output A1. Referenced to VCCA.
3
2
A2
Input/Output A2. Referenced to VCCA.
4
3
A3
Input/Output A3. Referenced to VCCA.
5
4
A4
Input/Output A4. Referenced to VCCA.
6, 9
1, 5, 6, 7, 10, 11, 15, 16
NC
No Connect.
7
8
GND
Ground.
8
9
EN
Active High Enable Input.
10
12
Y4
Input/Output Y4. Referenced to VCCY.
11
13
Y3
Input/Output Y3. Referenced to VCCY.
12
14
Y2
Input/Output Y2. Referenced to VCCY.
13
17
Y1
Input/Output Y1. Referenced to VCCY.
14
18
VCCY
Power Supply Voltage Input for the Y1 to Y4 I/O Pins (1.65 V ≤ VCCY ≤ 5.5 V).
Table 4. 12-Ball WLCSP Pin Function Descriptions
Bump No.
Mnemonic
Description
A1
Y1
Input/Output Y1. Referenced to VCCY.
B1
Y2
Input/Output Y2. Referenced to VCCY.
C1
Y3
Input/Output Y3. Referenced to VCCY.
D1
Y4
Input/Output Y4. Referenced to VCCY.
A2
VCCY
Power Supply Voltage Input for the Y1 to Y4 I/O Pins (1.65 V ≤ VCCY ≤ 5.5 V).
B2
VCCA
Power Supply Voltage Input for the A1 to A4 I/O Pins (1.15 V ≤ VCCA ≤ VCCY).
C2
EN
Active High Enable Input.
D2
GND
Ground.
A3
A1
Input/Output A1. Referenced to VCCA.
B3
A2
Input/Output A2. Referenced to VCCA.
C3
A3
Input/Output A3. Referenced to VCCA.
D3
A4
Input/Output A4. Referenced to VCCA.


Số phần tương tự - ADG3304_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
More results

Mô tả tương tự - ADG3304_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com