công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3247 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADG3247
Giải thích chi tiết về linh kiện  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3247 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADG3247_15 Datasheet HTML 1Page - Analog Devices ADG3247_15 Datasheet HTML 2Page - Analog Devices ADG3247_15 Datasheet HTML 3Page - Analog Devices ADG3247_15 Datasheet HTML 4Page - Analog Devices ADG3247_15 Datasheet HTML 5Page - Analog Devices ADG3247_15 Datasheet HTML 6Page - Analog Devices ADG3247_15 Datasheet HTML 7Page - Analog Devices ADG3247_15 Datasheet HTML 8Page - Analog Devices ADG3247_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
ADG3247
TERMINOLOGY
VCC
Positive Power Supply Voltage.
GND
Ground (0 V) Reference.
VINH
Minimum Input Voltage for Logic 1.
VINL
Maximum Input Voltage for Logic 0.
II
Input Leakage Current at the Control Inputs.
IOZ
OFF State Leakage Current. It is the maximum leakage current at the switch pin in the OFF state.
IOL
ON State Leakage Current. It is the maximum leakage current at the switch pin in the ON state.
VP
Maximum Pass Voltage. The maximum pass voltage relates to the clamped output voltage of an NMOS device when
the switch input voltage is equal to the supply voltage.
RON
Ohmic Resistance Offered by a Switch in the ON State. It is measured at a given voltage by forcing a specified
amount of current through the switch.
RON
On Resistance Match between Any Two Channels, i.e., RON Max – RON Min.
CX OFF
OFF Switch Capacitance.
CX ON
ON Switch Capacitance.
CIN
Control Input Capacitance. This consists of
BEx and SEL.
ICC
Quiescent Power Supply Current. It is measured when all control inputs are at a logic HIGH or LOW level and
the switches are OFF.
ICC
Extra power supply current component per each
BEx control input when the Input is not driven at the supplies.
tPLH, tPHL
Data Propagation Delay through the Switch in the ON State. Propagation delay is related to the RC time constant
RON
CL, where CL is the load capacitance.
tPZH, tPZL
Bus Enable Times. These are the times taken to cross the VT voltage at the switch output when the switch turns on
in response to the control signal,
BEx.
tPHZ, tPLZ
Bus Disable Times. These are the times taken to place the switch in the high impedance OFF state in response to the
control signal. They are measured as the time taken for the output voltage to change by V from the original quiescent
level, with reference to the logic level transition at the control input. (Refer to Figure 3 for enable and disable times.)
Max Data Rate
Maximum Rate at which Data Can Be Passed through the Switch.
Channel Jitter
Peak-to-Peak Value of the Sum of the Deterministic and Random Jitter of the Switch Channel.
fBEx
Operating Frequency of Bus Enable. This is the maximum frequency at which bus enable (
BEx) can be toggled.


Số phần tương tự - ADG3247_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3247BCP AD-ADG3247BCP Datasheet
204Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. PrD
ADG3247BCP AD-ADG3247BCP Datasheet
391Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247BCP-REEL7 AD-ADG3247BCP-REEL7 Datasheet
391Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247BRU AD-ADG3247BRU Datasheet
204Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. PrD
ADG3247BRU AD-ADG3247BRU Datasheet
391Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
More results

Mô tả tương tự - ADG3247_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3247 AD-ADG3247 Datasheet
204Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. PrD
ADG3247BRUZ AD-ADG3247BRUZ Datasheet
391Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246 AD-ADG3246_V01 Datasheet
651Kb / 17P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com