công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3241 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADG3241
Giải thích chi tiết về linh kiện  2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3241 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADG3241_15 Datasheet HTML 1Page - Analog Devices ADG3241_15 Datasheet HTML 2Page - Analog Devices ADG3241_15 Datasheet HTML 3Page - Analog Devices ADG3241_15 Datasheet HTML 4Page - Analog Devices ADG3241_15 Datasheet HTML 5Page - Analog Devices ADG3241_15 Datasheet HTML 6Page - Analog Devices ADG3241_15 Datasheet HTML 7Page - Analog Devices ADG3241_15 Datasheet HTML 8Page - Analog Devices ADG3241_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG3241
Rev. B | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
VCC to GND
−0.5 V to +4.6 V
Digital Inputs to GND
−0.5 V to +4.6 V
DC Input Voltage
−0.5 V to +4.6 V
DC Output Current
25 mA per channel
Operating Temperature Range
Only one absolute maximum rating can be applied at any one
time.
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
SC70 Package
θJA Thermal Impedance
332°C/W
SOT-66 Package
θJA Thermal Impedance
191°C/W (4-layer board)
Lead Temperature, Soldering (10 sec)
300°C
235°C
IR Reflow, Peak Temperature
(<20 sec)
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Số phần tương tự - ADG3241_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3241BKS-500RL7 AD-ADG3241BKS-500RL7 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241BKS-500RL7 AD-ADG3241BKS-500RL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241BKS-REEL AD-ADG3241BKS-REEL Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241BKS-REEL7 AD-ADG3241BKS-REEL7 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241BKS-REEL7 AD-ADG3241BKS-REEL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
More results

Mô tả tương tự - ADG3241_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com