công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1408 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG1408
Giải thích chi tiết về linh kiện  4 R, 4-/8-Channel CMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1408 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG1408_15 Datasheet HTML 1Page - Analog Devices ADG1408_15 Datasheet HTML 2Page - Analog Devices ADG1408_15 Datasheet HTML 3Page - Analog Devices ADG1408_15 Datasheet HTML 4Page - Analog Devices ADG1408_15 Datasheet HTML 5Page - Analog Devices ADG1408_15 Datasheet HTML 6Page - Analog Devices ADG1408_15 Datasheet HTML 7Page - Analog Devices ADG1408_15 Datasheet HTML 8Page - Analog Devices ADG1408_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4 Ω RON, 4-/8-Channel
±15 V/+12 V/±5 V iCMOS Multiplexers
ADG1408/ADG1409
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
4.7 Ω maximum on resistance @ 25°C
0.5 Ω on resistance flatness
Up to 190 mA continuous current
Fully specified at ±15 V/+12 V/±5 V
3 V logic-compatible inputs
Rail-to-rail operation
Break-before-make switching action
16-lead TSSOP and 4 mm × 4 mm LFCSP packages
APPLICATIONS
Relay replacement
Audio and video routing
Automatic test equipment
Data acquisition systems
Temperature measurement systems
Avionics
Battery-powered systems
Communication systems
Medical equipment
FUNCTIONAL BLOCK DIAGRAM
ADG1408
S1
S8
D
ADG1409
S1A
S4B
DA
DB
S4A
S1B
1-OF-4
DECODER
1-OF-8
DECODER
A0 A1
EN
A0 A1 A2 EN
Figure 1.
GENERAL DESCRIPTION
The ADG1408/ADG1409 are monolithic iCMOS® analog multip-
lexers comprising eight single channels and four differential
channels, respectively. The ADG1408 switches one of eight
inputs to a common output, as determined by the 3-bit binary
address lines, A0, A1, and A2. The ADG1409 switches one of
four differential inputs to a common differential output, as
determined by the 2-bit binary address lines, A0 and A1. An EN
input on both devices is used to enable or disable the device.
When disabled, all channels are switched off.
The iCMOS (industrial CMOS) modular manufacturing process
combines high voltage CMOS (complementary metal-oxide
semiconductor) and bipolar technologies. It enables the devel-
opment of a wide range of high performance analog ICs capable
of 33 V operation in a footprint that no other generation of high
voltage parts has been able to achieve. Unlike analog ICs using
conventional CMOS processes, iCMOS components can tolerate
high supply voltages while providing increased performance,
dramatically lower power consumption, and reduced package size.
The ultralow on resistance and on resistance flatness of these
switches make them ideal solutions for data acquisition and
gain switching applications where low distortion is critical.
iCMOS construction ensures ultralow power dissipation,
making the parts ideally suited for portable and battery-
powered instruments.
PRODUCT HIGHLIGHTS
1.
4 Ω on resistance.
2.
0.5 Ω on resistance flatness.
3.
3 V logic compatible digital input, VIH = 2.0 V, VIL = 0.8 V.
4.
16-lead TSSOP and 4 mm × 4 mm LFCSP packages.
Table 1. Related Devices
Part No.
Description
ADG1208/ADG1209
Low capacitance, low charge injection,
and low leakage 4-/8-channel ±15 V
multiplexers


Số phần tương tự - ADG1408_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
   4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408LYCPZ-REEL7 AD-ADG1408LYCPZ-REEL7 Datasheet
857Kb / 21P
   4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408YCPZ-REEL7 AD-ADG1408YCPZ-REEL7 Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
logo
Analog Devices
ADG1408YRUZ AD-ADG1408YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
More results

Mô tả tương tự - ADG1408_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKNZ AD-ADG508AKNZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501SQ AD-AD7501SQ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
Rev. D
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com