công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1234 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADG1234
Giải thích chi tiết về linh kiện  Low Capacitance, Triple/Quad SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1234 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADG1234_15 Datasheet HTML 5Page - Analog Devices ADG1234_15 Datasheet HTML 6Page - Analog Devices ADG1234_15 Datasheet HTML 7Page - Analog Devices ADG1234_15 Datasheet HTML 8Page - Analog Devices ADG1234_15 Datasheet HTML 9Page - Analog Devices ADG1234_15 Datasheet HTML 10Page - Analog Devices ADG1234_15 Datasheet HTML 11Page - Analog Devices ADG1234_15 Datasheet HTML 12Page - Analog Devices ADG1234_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG1233/ADG1234
Rev. B | Page 9 of 16
TERMINOLOGY
VDD
Most positive supply potential.
VSS
Most negative power supply potential in dual supplies. In
single-supply applications, it can be connected to ground.
GND
Ground (0 V) reference.
RON
Ohmic resistance between D and S.
ΔRON
Difference between the RON of any two channels.
IS (Off)
Source leakage current when switch is off.
ID (Off)
Drain leakage current when switch is off.
ID, IS (On)
Channel leakage current when switch is on.
VD, VS
Analog voltage on Terminal D, Terminal S.
CS (Off)
Channel input capacitance for off condition.
CD (Off)
Channel output capacitance for off condition.
CD, CS (On)
On switch capacitance.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF (EN)
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and the switch on condition when switching from one
address state to another.
tBBM
Off time measured between the 80% point of both switches
when switching from one address state to another.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL, IINH
Input current of the digital input.
IDD
Positive supply current.
ISS
Negative supply current.
Off Isolation
A measure of an unwanted signal coupling through an off channel.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Bandwidth
Frequency at which the output is attenuated by 3 dB.
On Response
Frequency response of the on switch.
THD + N
Ratio of the harmonic amplitude plus noise of the signal to the
fundamental.


Số phần tương tự - ADG1234_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1234YCPZ-REEL AD-ADG1234YCPZ-REEL Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG1234YCPZ-REEL7 AD-ADG1234YCPZ-REEL7 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG1234YRUZ AD-ADG1234YRUZ Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG1234YRUZ-REEL7 AD-ADG1234YRUZ-REEL7 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
More results

Mô tả tương tự - ADG1234_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1233 AD-ADG1233_15 Datasheet
436Kb / 16P
   Low Capacitance, Triple/Quad SPDT
REV. B
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
logo
Vishay Siliconix
DG2788A VISHAY-DG2788A Datasheet
184Kb / 10P
   Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. B, 12-Sep-16
logo
Analog Devices
ADG733 AD-ADG733 Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
logo
Vishay Siliconix
DG2788A VISHAY-DG2788A_V01 Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com