công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1233 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG1233
Giải thích chi tiết về linh kiện  Low Capacitance, Triple/Quad SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1233 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG1233_15 Datasheet HTML 1Page - Analog Devices ADG1233_15 Datasheet HTML 2Page - Analog Devices ADG1233_15 Datasheet HTML 3Page - Analog Devices ADG1233_15 Datasheet HTML 4Page - Analog Devices ADG1233_15 Datasheet HTML 5Page - Analog Devices ADG1233_15 Datasheet HTML 6Page - Analog Devices ADG1233_15 Datasheet HTML 7Page - Analog Devices ADG1233_15 Datasheet HTML 8Page - Analog Devices ADG1233_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Capacitance, Triple/Quad SPDT
±15 V/+12 V i CMOS™ Switches
ADG1233/ADG1234
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
1.5 pF off capacitance
0.5 pC charge injection
33 V supply range
120 Ω on resistance
Fully specified at ±15 V/+12 V
3 V logic-compatible inputs
Rail-to-rail operation
Break-before-make switching action
16-lead TSSOP, 20-lead TSSOP, and 4 mm × 4 mm LFCSP
Typical power consumption (<0.03 μW)
APPLICATIONS
Audio and video routing
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Communication systems
GENERAL DESCRIPTION
The ADG1233 and ADG1234 are monolithic iCMOS analog
switches comprising three independently selectable single-pole,
double throw SPDT switches and four independently selectable
SPDT switches, respectively.
All channels exhibit break-before-make switching action
preventing momentary shorting when switching channels.
An EN input on the ADG1233 and ADG1234 is used to
enable or disable the device. When disabled, all channels are
switched off.
FUNCTIONAL BLOCK DIAGRAMS
ADG1233
S1B
D1
S1A
S2A
IN2
IN1
IN3
D2
S2B
S3A
D3
S3B
SWITCHES SHOWN FOR A LOGIC 1 INPUT
LOGIC
EN
Figure 1.
SWITCHES SHOWN FOR A LOGIC 1 INPUT
ADG1234
S1B
D1
S1A
S2A
IN2
IN1
IN3
D2
S2B
S4B
D4
S4A
S3A
D3
S3B
LOGIC
EN
IN4
Figure 2.
The iCMOS (industrial-CMOS) modular manufacturing process
combines a high voltage complementary metal-oxide semi-
conductor (CMOS) and bipolar technologies. It enables the
development of a wide range of high performance analog ICs
capable of 33 V operation in a footprint that no other generation of
high voltage parts has been able to achieve. Unlike analog ICs
using conventional CMOS processes, iCMOS components can
tolerate high supply voltages while providing increased perfor-
mance, dramatically lowered power consumption, and reduced
package size.
The ultralow capacitance and charge injection of these multiplexers
make them ideal solutions for data acquisition and sample-and-
hold applications, where low glitch and fast settling are required.
Fast switching speed coupled with high signal bandwidth make the
parts suitable for video signal switching. iCMOS construction
ensures ultralow power dissipation, making the parts ideally
suited for portable and battery-powered instruments.
PRODUCT HIGHLIGHTS
1.
1.5 pF off capacitance (±15 V supply).
2.
0.5 pC charge injection.
3.
3 V logic-compatible digital input, VIH = 2.0 V, VIL = 0.8 V.
4.
16-lead TSSOP, 20-lead TSSOP, and 4 mm × 4 mm LFCSP.


Số phần tương tự - ADG1233_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1233YCPZ-REEL AD-ADG1233YCPZ-REEL Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG1233YCPZ-REEL7 AD-ADG1233YCPZ-REEL7 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG1233YRUZ AD-ADG1233YRUZ Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG1233YRUZ-REEL7 AD-ADG1233YRUZ-REEL7 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
More results

Mô tả tương tự - ADG1233_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1234 AD-ADG1234_15 Datasheet
436Kb / 16P
   Low Capacitance, Triple/Quad SPDT
REV. B
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
logo
Vishay Siliconix
DG2788A VISHAY-DG2788A Datasheet
184Kb / 10P
   Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. B, 12-Sep-16
logo
Analog Devices
ADG733 AD-ADG733 Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
logo
Vishay Siliconix
DG2788A VISHAY-DG2788A_V01 Datasheet
235Kb / 10P
   0.37 ?? Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com