công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM-182-AMC-182 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện AM-182-AMC-182
Giải thích chi tiết về linh kiện  Cascadable Thin Film Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-182-AMC-182 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-182-AMC-182_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-182-AMC-182_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-182-AMC-182_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Thin Film Amplifier,
28 dB Gain, 5 - 1000 MHz
Rev. V4
AM-182 / AMC-182
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
28.5 dB Typical Gain
2.7 dB Typical Low Noise
Description
M/A-COM’s
AM-182
is
a
high
gain
feedback
amplifier with high intercept and compression points.
This amplifier is packaged in a TO-8 package. Due
to the internal power dissipation the thermal rise
should be minimized. The ground plane on the PC
board should be configured to remove heat from
under the package. AM-182 is ideally suited for use
where a high intercept, high reliability amplifier is
required.
TO-8-1
Parameter
Absolute Maximum
Max. Input Power
+13 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Ordering Information
Part Number
Package
AM-182 PIN
TO-8-1
AMC-182 SMA
Connectorized
Outline Drawing: SMA Connectorized
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.


Số phần tương tự - AM-182-AMC-182_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
More results

Mô tả tương tự - AM-182-AMC-182_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
AM-176-AMC-176 MA-COM-AM-176-AMC-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier
AMC-183_V5 MA-COM-AMC-183_V5 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA-6232 TELEDYNE-PSA-6232 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180_15 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-177 MA-COM-AM-177_15 Datasheet
443Kb / 3P
   Cascadable Thin Film Amplifier
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA4132 TELEDYNE-PSA4132 Datasheet
98Kb / 4P
   Thin-Film Cascadable Amplifier
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com