công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG713 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG713
Giải thích chi tiết về linh kiện  CMOS Low Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG713 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG713_15 Datasheet HTML 1Page - Analog Devices ADG713_15 Datasheet HTML 2Page - Analog Devices ADG713_15 Datasheet HTML 3Page - Analog Devices ADG713_15 Datasheet HTML 4Page - Analog Devices ADG713_15 Datasheet HTML 5Page - Analog Devices ADG713_15 Datasheet HTML 6Page - Analog Devices ADG713_15 Datasheet HTML 7Page - Analog Devices ADG713_15 Datasheet HTML 8Page - Analog Devices ADG713_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS Low Voltage, 4 Ω Quad,
SPST Switches
ADG711/ADG712/ADG713
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
Low on resistance (2.5 Ω Typ)
Low on resistance flatness
−3 dB bandwidth > 200 MHz
Rail-to-rail operation
16-lead TSSOP and SOIC packages
Fast switching times: tON =16 ns, tOFF =10 ns
Typical power consumption (< 0.01 μW)
TTL/CMOS compatible
Qualified for automotive applications
APPLICATIONS
USB 1.1 signal switching circuits
Cell phones
PDAs
Battery-powered systems
Communication systems
Sample hold systems
Audio signal routing
Video switching
Mechanical reed relay replacement
FUNCTIONAL BLOCK DIAGRAM
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
SWITCHES SHOWN FOR A LOGIC “1” INPUT
ADG711
S4
D4
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
ADG712
S4
D4
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
ADG713
S4
D4
Figure 1.
GENERAL DESCRIPTION
The ADG711, ADG712, and ADG713 are monolithic CMOS
devices containing four independently selectable switches. These
switches are designed on an advanced submicron process that
provides low power dissipation yet gives high switching speed, low
on resistance, low leakage currents, and high bandwidth.
They are designed to operate from a single 1.8 V to 5.5 V supply,
making them ideal for use in battery-powered instruments and
with the new generation of DACs and ADCs from Analog Devices,
Inc. Fast switching times and high bandwidth make the parts
suitable for switching USB 1.1 data signals and video signals.
The ADG711, ADG712, and ADG713 contain four independent
single-pole/single-throw (SPST) switches. The ADG711 and
ADG712 differ only in that the digital control logic is inverted. The
ADG711 switches are turned on with a logic low on the appropriate
control input, while a logic high is required to turn on the switches
of the ADG712. The ADG713 contains two switches whose digital
control logic is similar to the ADG711, while the logic is inverted
on the other two switches.
Each switch conducts equally well in both directions when On. The
ADG713 exhibits break-before-make switching action.
The ADG711/ADG712/ADG713 are available in 16-lead TSSOP
and 16-lead SOIC packages.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V Single-Supply Operation.
The ADG711, ADG712, and ADG713 offer high performance
and are fully specified and guaranteed with 3 V and 5 V
supply rails.
2.
Very Low RON (4.5 Ω maximum at 5 V, 8 Ω maximum at 3 V).
At supply voltage of 1.8 V, RON is typically 35 Ω over the
temperature range.
3.
Low On Resistance Flatness.
4.
−3 dB Bandwidth >200 MHz.
5.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
6.
Fast tON/tOFF.
7.
Break-Before-Make Switching.
This prevents channel shorting when the switches are
configured as a multiplexer (ADG713 only).
8.
16-Lead TSSOP and 16-Lead SOIC Packages.


Số phần tương tự - ADG713_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG713BR AD-ADG713BR Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG713BR AD-ADG713BR Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG713BRU AD-ADG713BRU Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG713BRU AD-ADG713BRU Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG713BRU-REEL AD-ADG713BRU-REEL Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results

Mô tả tương tự - ADG713_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com