công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG619 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG619
Giải thích chi tiết về linh kiện  Single SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG619 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG619_15 Datasheet HTML 1Page - Analog Devices ADG619_15 Datasheet HTML 2Page - Analog Devices ADG619_15 Datasheet HTML 3Page - Analog Devices ADG619_15 Datasheet HTML 4Page - Analog Devices ADG619_15 Datasheet HTML 5Page - Analog Devices ADG619_15 Datasheet HTML 6Page - Analog Devices ADG619_15 Datasheet HTML 7Page - Analog Devices ADG619_15 Datasheet HTML 8Page - Analog Devices ADG619_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS, ±5 V/+5 V,
4 Ω, Single SPDT Switches
ADG619/ADG620
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2007 Analog Devices, Inc. All rights reserved.
FEATURES
6.5 Ω (maximum) on resistance
0.8 Ω (maximum) on-resistance flatness
2.7 V to 5.5 V single supply
±2.7 V to ±5.5 V dual supply
Rail-to-rail operation
8-lead SOT-23, 8-lead MSOP
Typical power consumption (<0.1 μW)
TTL-/CMOS-compatible inputs
APPLICATIONS
Automatic test equipment
Power routing
Communication systems
Data acquisition systems
Sample-and-hold systems
Avionics
Relay replacement
Battery-powered systems
FUNCTIONAL BLOCK DIAGRAM
IN
ADG619/ADG620
S2
S1
D
NOTES
1. SWITCHES SHOWN FOR
A LOGIC 1 INPUT.
Figure 1.
GENERAL DESCRIPTION
The ADG619/ADG620 are monolithic, CMOS single-pole
double-throw (SPDT) switches. Each switch conducts equally
well in both directions when the device is on.
The ADG619/ADG620 offer a low on resistance of 4 Ω, which
is matched to within 0.7 Ω between channels. These switches
also provide low power dissipation, yet result in high switching
speeds. The ADG619 exhibits break-before-make switching
action, thus preventing momentary shorting when switching
channels. The ADG620 exhibits make-before-break action.
The ADG619/ADG620 are available in an 8-lead SOT-23 and
an 8-lead MSOP.
PRODUCT HIGHLIGHTS
1.
Low on resistance (RON): 4 Ω typical.
2.
Dual ±2.7 V to ±5.5 V or single 2.7 V to 5.5 V supplies.
3.
Low power dissipation.
4.
Fast tON/tOFF.
5.
Tiny, 8-lead SOT-23 and 8-lead MSOP.
Table 1. Truth Table for the ADG619/ADG620
IN
Switch S1
Switch S2
0
On
Off
1
Off
On


Số phần tương tự - ADG619_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG619BRM AD-ADG619BRM Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG619BRM AD-ADG619BRM Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRM-REEL AD-ADG619BRM-REEL Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRM-REEL7 AD-ADG619BRM-REEL7 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG619BRMZ-REEL2 AD-ADG619BRMZ-REEL2 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
More results

Mô tả tương tự - ADG619_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG620 AD-ADG620_15 Datasheet
365Kb / 16P
   Single SPDT Switches
REV. C
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
   SPDT Switches
logo
Micronetics, Inc.
2S3021 MICRONETICS-2S3021 Datasheet
307Kb / 1P
   SPDT SWITCHES
logo
BOWEI Integrated Circui...
SWDT-1C BOWEI-SWDT-1C Datasheet
100Kb / 1P
   PIN SPDT Switches
SWST-1A BOWEI-SWST-1A Datasheet
97Kb / 1P
   PIN SPDT Switches
logo
Maxim Integrated Produc...
MAX4624EUT MAXIM-MAX4624EUT Datasheet
218Kb / 11P
   1ohm, Low-Voltage, Single-Supply SPDT Analog Switches
Rev 2; 5/01
MAX4624 MAXIM-MAX4624 Datasheet
169Kb / 12P
   1?? Low-Voltage, Single-Supply SPDT Analog Switches
Rev 1; 1/00
logo
Analog Devices
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com