công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG612 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADG612
Giải thích chi tiết về linh kiện  1 pC Charge Injection, 100 pA Leakage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG612 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADG612_15 Datasheet HTML 3Page - Analog Devices ADG612_15 Datasheet HTML 4Page - Analog Devices ADG612_15 Datasheet HTML 5Page - Analog Devices ADG612_15 Datasheet HTML 6Page - Analog Devices ADG612_15 Datasheet HTML 7Page - Analog Devices ADG612_15 Datasheet HTML 8Page - Analog Devices ADG612_15 Datasheet HTML 9Page - Analog Devices ADG612_15 Datasheet HTML 10Page - Analog Devices ADG612_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG611/ADG612/ADG613
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADG611/
ADG612/
ADG613
TOP VIEW
(Not to Scale)
1
IN1
2
D1
3
S1
4
VSS
5
GND
6
S4
7
D4
8
IN4
16
15
14
13
12
11
10
9
IN2
D2
S2
VDD
NC
S3
D3
IN3
NC = NO CONNECT
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1
Switch 1 Digital Control Input.
2
D1
Drain Terminal of Switch 1. Can be an input or output.
3
S1
Source Terminal of Switch 1. Can be an input or output.
4
VSS
Most Negative Power Supply Terminal. Tie this pin to GND when using the device with single-supply voltages.
5
GND
Ground (0 V) Reference.
6
S4
Source Terminal of Switch 4. Can be an input or output.
7
D4
Drain Terminal of Switch 4. Can be an input or output.
8
IN4
Switch 4 Digital Control Input.
9
IN3
Switch 3 Digital Control Input.
10
D3
Drain Terminal of Switch 3. Can be an input or output.
11
S3
Source Terminal of Switch 3. Can be an input or output.
12
NC
Not Internally Connected.
13
VDD
Most Positive Power Supply Terminal.
14
S2
Source Terminal of Switch 2. Can be an input or output.
15
D2
Drain Terminal of Switch 2. Can be an input or output.
16
IN2
Switch 2 Digital Control Input.
Table 6. ADG611/ADG612 Truth Table
ADG611 Input
ADG612 Input
Switch Condition
0
1
On
1
0
Off
Table 7. ADG613 Truth Table
Logic
Switch 1, Switch 4
Switch 2, Switch 3
0
Off
On
1
On
Off


Số phần tương tự - ADG612_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG612WRUZ-REEL1 AD-ADG612WRUZ-REEL1 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG612YRU AD-ADG612YRU Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
ADG612YRUZ-REEL1 AD-ADG612YRUZ-REEL1 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG612YRUZ-REEL71 AD-ADG612YRUZ-REEL71 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG612YRUZ1 AD-ADG612YRUZ1 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results

Mô tả tương tự - ADG612_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com