công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF7901 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADF7901
Giải thích chi tiết về linh kiện  High Performance ISM Band OOK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF7901 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADF7901_15 Datasheet HTML 2Page - Analog Devices ADF7901_15 Datasheet HTML 3Page - Analog Devices ADF7901_15 Datasheet HTML 4Page - Analog Devices ADF7901_15 Datasheet HTML 5Page - Analog Devices ADF7901_15 Datasheet HTML 6Page - Analog Devices ADF7901_15 Datasheet HTML 7Page - Analog Devices ADF7901_15 Datasheet HTML 8Page - Analog Devices ADF7901_15 Datasheet HTML 9Page - Analog Devices ADF7901_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADF7901
Rev. A | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADF7901
DGND
NC
TxDATA
FSK3
RSET
CPOUT
FSK1
CE
OOK
_SEL
OSC2
OSC1
RSET_OOK
CREG1
CVCO
VCOIN
DVDD
RFGND
RFOUT
FSK2
DVDD
PA_EN
CREG2
DGND
RSET_FSK
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
DVDD
Positive Supply for the Digital Circuitry. This must be 3.0 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin.
2
CREG1
A 2.2 μF capacitor should be added at CREG1 to reduce regulator noise and improve stability. A reduced capacitor
improves regulator power-on time but can cause higher spurious.
3
CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The integrated
current changes the control voltage on the input to the VCO.
4
TxDATA
Digital FSK data to be transmitted is inputted on this pin.
5
DGND
Ground for Digital Section.
6
NC
No Connect.
7
DGND
Ground for Digital Section.
8
OSC1
The reference crystal should be connected between this pin and the OSC2 pin. The necessary crystal load
capacitor should be tied between this pin and ground.
9
OSC2
The reference crystal should be connected between this pin and the OSC1 pin. The necessary crystal load
capacitor should be tied between this pin and ground.
A TCXO or external square wave can also be connected to this pin, with OSC1 left floating. A DC-blocking
capacitor (4.7 nF is adequate) should be placed between the TCXO output and OSC2 pin.
When not using an external regulator, a 1 MΩ resistor can be tied between the OSC2 pin and ground to meet the
power-down current specification of 1 μA.
10
OOK_SEL
A high on this pin selects operation in OOK mode at 384 MHz when CE is high.
11
FSK1
FSK Channel Select Pin. This represents the LSB of the channel select pins.
12
FSK2
FSK Channel Select Pin.
13
FSK3
FSK Channel Select Pin.
14
CE
Bringing CE low puts the ADF7901 into power-down, drawing <1 μA of current.
15
RSET_OOK
The value of this resistor sets the output power for data = 1 in OOK mode. A resistor of 3.6 kΩ provides the
maximum output power. Increasing the resistor reduces the power and the current consumption. A lower resistor
value than 3.6 kΩ can be used to increase the power to a maximum of 14 dBm. The PA does not operate efficiently
in this mode.
16
RSET_FSK
The value of this resistor sets the output power in FSK mode. A resistor of 3.6 kΩ provides maximum output
power. Increasing the resistor reduces the power and the current consumption. A resistor value lower than 3.6 kΩ
can be used to increase the power to a maximum of 14 dBm. The PA does not operate efficiently in this mode.
17
CVCO
A 22 nF capacitor should be tied between the CVCO and CREG2 pins. This line should run underneath the ADF7901.
The capacitor is necessary to ensure stable VCO operation.
18
VCOIN
The tuning voltage on this pin determines the output frequency of the voltage controlled oscillator (VCO).
The higher the tuning voltage the higher the output frequency. The output of the loop filter is connected here.
19
RFGND
Ground for Output Stage of Transmitter.
20
RFOUT
The modulated signal is available at this pin. Output power levels are from –5 dBm to +12 dBm. The output
should be impedance matched using suitable components to the desired load.


Số phần tương tự - ADF7901_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Mô tả tương tự - ADF7901_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com