công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF7901 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADF7901
Giải thích chi tiết về linh kiện  High Performance ISM Band OOK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF7901 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADF7901_15 Datasheet HTML 1Page - Analog Devices ADF7901_15 Datasheet HTML 2Page - Analog Devices ADF7901_15 Datasheet HTML 3Page - Analog Devices ADF7901_15 Datasheet HTML 4Page - Analog Devices ADF7901_15 Datasheet HTML 5Page - Analog Devices ADF7901_15 Datasheet HTML 6Page - Analog Devices ADF7901_15 Datasheet HTML 7Page - Analog Devices ADF7901_15 Datasheet HTML 8Page - Analog Devices ADF7901_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADF7901
Rev. A | Page 4 of 12
Parameter
Min
Typ
Max
Unit
Comments/Conditions
PHASE-LOCKED LOOP
VCO Gain
30
MHz/V
At 384 MHz
Spurious3, 7
100 kHz loop BW
Integer Boundary
–45
−23
dBc
Reference
−70
−23
dBc
Harmonics3
Second Harmonic VDD = 3.0 V
−24
−21
dBc
Third Harmonic VDD = 3.0 V
−14
−11
dBc
All Other Harmonics
−18
dBc
REFERENCE INPUT
Crystal Reference
9.8304
MHz
Crystal ESR8
80
Ω
POWER AMPLIFIER
PA Output Impedance
97 Ω + 6.4 pF
At 384 MHz
TIMING INFORMATION
Crystal Oscillator to PLL Lock3
2
3
ms
PA Enable to PA Ready–PLL Settle9
100
250
μs
TEMPERATURE RANGE (TA)
0
50
°C
1 Operating temperature range is 0°C to 50°C.
2 Frequency Deviation = 58 × (9.8304 MHz)/214. Error in the crystal is reflected in variation in the desired deviation.
3 Not production tested; based on characterization.
4 The output power can be varied in both ASK/FSK mode by altering the relevant external resistor.
5 Measured using spectrum analyzer, 1 MHz span, 100 kHz RBW, maximum hold enabled.
6 Maximum power-down current specification applies for the OSC2 pin grounded.
7 Measured >461.9 kHz away from channel.
8 Maximum recommended crystal ESR. The crystal oscillator works with crystals with higher ESR, but this results in longer power-up times.
9 This specification refers to the time taken for the PLL to regain lock after the PA has been enabled. The PA is should only be enabled after the PLL has settled to the
correct frequency.


Số phần tương tự - ADF7901_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Mô tả tương tự - ADF7901_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com