công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF7025 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADF7025
Giải thích chi tiết về linh kiện  High Performance ISM Band Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF7025 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADF7025_15 Datasheet HTML 1Page - Analog Devices ADF7025_15 Datasheet HTML 2Page - Analog Devices ADF7025_15 Datasheet HTML 3Page - Analog Devices ADF7025_15 Datasheet HTML 4Page - Analog Devices ADF7025_15 Datasheet HTML 5Page - Analog Devices ADF7025_15 Datasheet HTML 6Page - Analog Devices ADF7025_15 Datasheet HTML 7Page - Analog Devices ADF7025_15 Datasheet HTML 8Page - Analog Devices ADF7025_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADF7025
Data Sheet
Rev. B | Page 4 of 44
SPECIFICATIONS
VDD = 2.3 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD = 3 V, TA = 25°C.
All measurements are performed using the EVAL-ADF7025DB1 using PN9 data sequence, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
RF CHARACTERISTICS
Frequency Ranges (Direct Output)
862
870
MHz
VCO adjust = 0, VCO bias = 10
902
928
VCO adjust = 3, VCO bias = 12
Frequency Ranges (Divide-by-2 Mode)
431
464
MHz
See conditions for direct output
Phase Frequency Detector Frequency
RF/256
24
MHz
TRANSMISSION PARAMETERS
Data Rate
FSK
9.6
384
kbps
FSK Frequency Deviation
100
311.89
kHz
PFD = 10 MHz, direct output
100
748.54
kHz
PFD = 24 MHz, direct output
100
374.27
kHz
PFD =24MHz, divide-by-2 mode
Deviation Frequency Resolution
221
Hz
PFD = 3.625 MHz
Gaussian Filter BT
0.5
Transmit Power1
−20
+13
dBm
V
DD = 3.0 V, TA = 25°C
Transmit Power Variation vs. Temperature
±1
dB
From −40°C to +85°C
Transmit Power Variation vs. V
DD
±1
dB
From 2.3 V to 3.6 V at 915 MHz, T
A = 25°C
Transmit Power Flatness
±1
dB
From 902 MHz to 928 MHz, 3 V, T
A = 25°C
Programmable Step Size
−20 dBm to +13 dBm
0.3125
dB
Spurious Emissions
Integer Boundary
−55
dBc
50 kHz loop B/W
Reference
−65
dBc
Harmonics
Second Harmonic
−27
dBc
Unfiltered conductive
Third Harmonic
−21
dBc
All Other Harmonics
−35
dBc
VCO Frequency Pulling
30
kHz rms
DR = 9.6 kbps
Optimum PA Load Impedance
39 + j61
FRF = 915 MHz
48 + j54
FRF = 868 MHz
54 + j94
FRF = 433 MHz
RECEIVER PARAMETERS
FSK Input Sensitivity
At BER = 1E − 3, FRF = 915 MHz,
LNA and PA matched separately2
Sensitivity at 38.4 kbps
−104.2
dBm
FDEV = 200 kHz, LPF B/W = ±300kHz
Sensitivity at 172.8 kbps
−100
dBm
FDEV = 200 kHz, LPF B/W = ±450kHz
Sensitivity at 384 kbps
−95.8
dBm
FDEV = 450kHz, LPF B/W = ±600kHz
Baseband Filter (Low-Pass) Bandwidths
Programmable
±300
kHz
±450
kHz
±600
kHz
LNA and Mixer, Input IP3
Enhanced Linearity Mode
+6.8
dBm
Pin = −20 dBm, 2 CW interferers
FRF = 915 MHz, f1 = FRF + 3 MHz
F2 = FRF + 6 MHz, maximum gain
Low Current Mode
−3.2
dBm
High Sensitivity Mode
−35
dBm
Rx Spurious Emissions3
−57
dBm
<1 GHz at antenna input
−47
dBm
>1 GHz at antenna input


Số phần tương tự - ADF7025_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7025BCPZ AD-ADF7025BCPZ Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
ADF7025BCPZ-RL AD-ADF7025BCPZ-RL Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
ADF7025BCPZ-RL7 AD-ADF7025BCPZ-RL7 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
More results

Mô tả tương tự - ADF7025_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com