công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF7010 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADF7010
Giải thích chi tiết về linh kiện  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF7010 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADF7010_15 Datasheet HTML 1Page - Analog Devices ADF7010_15 Datasheet HTML 2Page - Analog Devices ADF7010_15 Datasheet HTML 3Page - Analog Devices ADF7010_15 Datasheet HTML 4Page - Analog Devices ADF7010_15 Datasheet HTML 5Page - Analog Devices ADF7010_15 Datasheet HTML 6Page - Analog Devices ADF7010_15 Datasheet HTML 7Page - Analog Devices ADF7010_15 Datasheet HTML 8Page - Analog Devices ADF7010_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
ADF7010
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1RSET
External Resistor to Set Charge Pump Current and Some Internal Bias Currents. Use 4.7 k
W as default:
I
R
CP MAX
SET
=
95
.
So, with RSET = 4.7 k
W, ICPMAX = 2.02 mA.
2
CPVDD
Charge Pump Supply. This should be biased at the same level as RFVDD and DVDD. The pin should be
decoupled with a 0.1
mF capacitor as close to the pin as possible.
3CPGND
Charge Pump Ground
4CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The
integrated current changes the control voltage on the input to the VCO.
5CEChip Enable. A logic low applied to this pin powers down the part. This must be high for the part to
function. This is the only way to power down the regulator circuit.
6
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits.
This is a high impedance CMOS input.
7
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched
into the 24-bit shift register on the CLK rising edge. This is a high impedance CMOS input.
8LELoad Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one
of the four latches, the latch being selected using the control bits.
9TxDATA
Digital data to be transmitted is input on this pin.
10
TxCLK
GFSK Only. This clock output is used to synchronize microcontroller data to the TxDATA pin of the
ADF7010. The clock is provided at the same frequency as the data rate.
11
MUXOUT
This multiplexer output allows either the digital lock detect (most common), the scaled RF, or the scaled
reference frequency to be accessed externally. Used commonly for system debug. See Function Register Map.
12
DGND
Ground Pin for the RF Digital Circuitry
13
CLKOUT
The Divided Down Crystal Reference with 50:50 Mark-Space Ratio. May be used to drive the clock input
of a microcontroller. To reduce spurious components in the output spectrum, the sharp edges can be
reduced with a series RC. For 4.8 MHz output clock, a series 50
W into 10 pF will reduce spurs to
< –50 dBc. Defaults on power-up to divide by 16.
14
OSC2
Oscillator Pin. If a single-ended reference is used (such as a TCXO), it should be applied to this pin.
When using an external signal generator, a 51
W resistor should be tied from this pin to ground. The
XOE bit in the R Register should set high when using an external reference.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TSSOP
ADF7010
DGND
MUXOUT
TxCLK
TxDATA
LE
RSET
CPVDD
CPGND
CPOUT
CLK
CE
CLKOUT
OSC2
OSC1
VCOGND
TEST
CREG
CVCO
VCOIN
AGND
DVDD
RFGND
RFOUT
DATA


Số phần tương tự - ADF7010_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7010BRU AD-ADF7010BRU Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRU AD-ADF7010BRU Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
More results

Mô tả tương tự - ADF7010_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com